Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7637 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7637
Description  REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7637 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7637 Datasheet HTML 1Page - LSI Computer Systems LS7637 Datasheet HTML 2Page - LSI Computer Systems LS7637 Datasheet HTML 3Page - LSI Computer Systems LS7637 Datasheet HTML 4Page - LSI Computer Systems LS7637 Datasheet HTML 5Page - LSI Computer Systems LS7637 Datasheet HTML 6Page - LSI Computer Systems LS7637 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIMING CHARACTERISTICS (See Figures 2, 3 and 4):
PARAMETER
SYMBOL
MIN
TYP MAX
UNIT
CONDITION
SYNC Frequency
fS
40
-
70
Hz
-
SHORT Activation
TS1
50
-
417
ms
60Hz
TS1
60
-
500
ms
50Hz
LONG Activation
TS2
433
-
Infinite ms
60Hz
TS2
520
-
Infinite ms
50Hz
GATE DRIVE pulse width
GDW
2.31
-
7.13
ms
60Hz
(see Note 5)
GDW
2.78
-
8.56
ms
50Hz
Conduction Angle
ø
50
-
154
deg
-
Ø incremental steps
ø
-
1.4
-
deg
-
(Note 1)
Soft-on slew rate
SS
-
1.4
-
deg / 33.3ms 60Hz
SS
-
1.4
-
deg / 40ms
50Hz
A0 to A1/A2 to A0 slew rate
SAA
-
1.4
-
deg / 33.3ms 60Hz
(Note 2)
SBA
-
1.4
-
deg / 40ms
50Hz
A1 to B1/B2 to A2 slew rate
SBA
-
1.4
-
deg / 66.7ms 60Hz
(Note 3)
SBA
-
1.4
-
deg / 80ms
50Hz
B1 to B2 delay
TBD
-
500
-
ms
60Hz
(Note 4)
TBD
-
600
-
ms
50Hz
Note 1: Total number of steps = 77.
Note 2: Number of steps from A0 to A1, or A2 to A0 = 55.
Note 3: Number of steps from A1 to B1 or B2 to A2 = 21.
Note 4: ø is at minimum between B1 and B2. TBD is applicable for LS7636 only.
Note 5: For LS7637 when minimum ø is reached, dimming direction reverses only
if the LONG Activation is terminated and reapplied.
The difference among all versions of
LS7636 and LS7637
are:
LS7636 (LS7636FO)
Upon power-up, the Gate Drive output is Off.
(Upon power-up, the Gate Drive output is On at maximum
conduction angle.) When a LONG Activation is applied,
the dimming direction automatically reverses whenever
maximum or minimum conduction angles are reached.
LS7637 (LS7637FO)
Upon power-up, the Gate Drive is Off.
(Upon power-up, the Gate Drive is On at maximum conduc-
tion angle.) When a LONG Activation is applied, the dim-
ming stops whenever maximum or minimum conduction
angles are reached. In order to change dimming levels
from maximum or minimum, LONG Activation must be re-
moved and reapplied. The purpose of this feature is to al-
low the user to positively locate maximum and minimum
conduction angles.
LS7637 NOTE:
If the User applies a LONG Activation when the
Gate Drive Conduction Angle is within a "few" de-
grees of Maximum or Minimum, the Gate Drive
Conduction Angle can move to Maximum or Mini-
mum and stop without the User being able to ob-
serve a change in brightness. Therefore, the User
should be instructed that if no change in bright-
ness is observed in response to a LONG Activa-
tion, the LONG Activation should be removed and
reapplied in order to produce a change in bright-
ness.
7636-121906-2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com