Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7637 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7637
Description  REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7637 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7637 Datasheet HTML 1Page - LSI Computer Systems LS7637 Datasheet HTML 2Page - LSI Computer Systems LS7637 Datasheet HTML 3Page - LSI Computer Systems LS7637 Datasheet HTML 4Page - LSI Computer Systems LS7637 Datasheet HTML 5Page - LSI Computer Systems LS7637 Datasheet HTML 6Page - LSI Computer Systems LS7637 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
FEATURES:
• Pushbutton or touch control of high-voltage lamps and
all electronic transformer-coupled low-voltage
halogen lamps.
• Controls
Fluorescents and CFLs via dimming ballasts.
• Reverse-phase technology
eliminates RFI generation.
• “
FO" versions power up Full On after application of AC.
• Soft turn-on and soft turn-off
• Three operating modes.
• Inputs for direct or remote activation.
• 50Hz/60Hz AC line frequency.
• +12V Power Supply (VDD - VSS).
LS7636, LS7637 (DIP); LS7636-S, LS7637-S (SOIC);
LS7636FO, LS7637FO (DIP);
LS7636FO-S, LS7637FO-S (SOIC) - See Figure 1 -
APPLICATIONS:
Electronic dimmers for wall-switch control of ceiling mounted
lighting, foot-switch control of large floor lamps and hand-
switch control of table lamps.
BACKGROUND AND GENERAL DESCRIPTION:
Since the operating currents of some electronic transformers
are below the holding current of most triacs, a typical triac-
based (leading-edge) dimmer may not operate properly when
driving an electronic transformer-coupled low-voltage halogen
lamp. The filtering components in the electronic transformer
which prevent its operating frequency from generating line in-
terference
can
also
inhibit
triac
triggering.
The
LS7636_LS7637 family of reverse-phase dimmer ICs drive
FETs or IGBTs (see Figure 3 and Figure 4) and ‘slowly’ turns
on current beginning at the AC input zero-crossing. This ‘slow’
current turn on is ideal for interfacing with the primary of
any
electronic transformer and also eliminates the RFI generation
caused by the sudden turn on of current when using a triac-
based dimmer.
INPUT/OUTPUT DESCRIPTION:
VDD (Pin 1) Supply voltage positive terminal.
VSS (Pin 7) Supply voltage negative terminal.
MODE (Pin 2) - See Table 1
All variations of
LS7636 and LS7637 can operate in 3 different
modes. The 3-state MODE input selects the operating modes:
VSS = Mode 0; Float = Mode 1; VDD = Mode 2
SYNC (Pin 4) - See Figure 2
The AC line frequency is applied to this input.
All internal timings are synchronized to the AC.
SENS (Pin 5) - See Table 1
A Logic 0 applied to this input alters the Gate Drive output
either by turning it on, turning it off or by changing its
conduction angle. Specifically which action takes place is
dependent on the type of activation of the SENS input,
namely SHORT or LONG duration and the prior state of the
Gate Drive output.
OVC - Overcurrent Sense Input (Pin 6)
The voltage at this input is sampled every half-cycle in a
four-cycle period. If the voltage reaches the OVC threshold
four times, then the Gate Output is turned Off shutting down
the current through the load. Six cycles after shutdown
occurs, the output is turned On to the previous conduction
angle, the OVC counter is reset and a new four-cycle period
begins. The OVC voltage may be generated with a
fractional-Ohm resistor as shown in Figure 4 and Figure 5.
When OVC is not being used, Pin 6 must be tied to Pin 7.
Gate (Pin 8)
The Gate Drive output is a positive-going pulse that initiates
at every zero-crossing of the AC input. The width of the
Gate Drive signal determines the conduction angle as
shown in Figure 2.
Test (Pin 3)
For factory use only.
June 2009
7636-061009-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
UL
®
A3800
LS7636 LS7637
LS7636FO LS7637FO
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
1
2
3
4
8
7
6
5
VSS (-V )
OVC
VDD (+V )
MODE
SYNC
FIGURE 1
GATE
SENS
PIN ASSIGNMENT - TOP VIEW
TEST


Similar Part No. - LS7637

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7632 LSI-LS7632 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634FO LSI-LS7634FO Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results

Similar Description - LS7637

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLB0587 SIEMENS-SLB0587 Datasheet
865Kb / 22P
Dimmer IC for Halogen Lamps
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
STMicroelectronics
L9830 STMICROELECTRONICS-L9830 Datasheet
308Kb / 6P
MONOLITHIC LAMP DIMMER
logo
Siemens Semiconductor G...
SLB587 SIEMENS-SLB587 Datasheet
391Kb / 22P
DIMMER IC FOR HALOGEN LAMPS
logo
LSI Computer Systems
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
alpha microelectronics ...
A1780 ALPHA-MICRO-A1780 Datasheet
171Kb / 2P
dimmer IC for halogen lamps
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com