Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7642 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7642
Description  VOLTAGE CONTROLLED LIGHT DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7642 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7642 Datasheet HTML 1Page - LSI Computer Systems LS7642 Datasheet HTML 2Page - LSI Computer Systems LS7642 Datasheet HTML 3Page - LSI Computer Systems LS7642 Datasheet HTML 4Page - LSI Computer Systems LS7642 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRANSIENT CHARACTERISTICS (See Figures 2, 3 and 4):
PARAMETER
SYMBOL
MIN
TYP
MAX
UNI T
CONDITION
SYNC Frequency
fS
40
-
70
Hz
-
EXT, SENS/ Touch Duration
TS1
67
-
infinite
ms
60Hz
TS1
80
-
infinite
ms
50Hz
TRIG/ pulse width (see Note 2)
TW
-
130
-
µs
60Hz
TW
-
156
-
µs
50Hz
Conduction Angle
ø
45
-
159
deg
-
ø incremental steps
ø
-
1.4
-
deg
-
(Note 1)
On/Off slew rate
SS
-
1.4
-
deg/33.33ms
60Hz
SS
-
1.4
-
deg/40ms
50Hz
Note 1: Total number of steps = 82.
Note 2: TW = 488us (60Hz), 586us (50Hz) available. Contact factory for details.
DC ELECTRICAL CHARACTERISTICS:
(TA = +25oC, all voltages referenced to VSS. VDD = +5V unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply voltage
VDD
4.5
5.0
5.5
V
-
Supply current
IDD
-
300
400
µA
Output unloaded, VDD = 5V
SYNC Lo
VISL
-
-
2.1
V
-
SYNC Hi
VISH
2.9
-
-
V
-
BCV input:
Dynamic Voltage Range
Vb
1.25
-
4.4
V
VDD = 5V
Voltage increment per step
Vb/∆ø
-
39
-
mV
ø = 1.4o, VDD = 5V
EXT, SENS/ Lo
VIEL
-
-
1.5
V
-
EXT, SENS/ Hi
VIEH
3.5
-
-
V
-
TRIG/ Lo
VOL
-
0.2
-
V
-
TRIG/ Hi
VOH
-
5.0
-
V
-
TRIG/ Sink Current
ITSNK
35
-
-
mA
VOTRIG = 2.5V
7642-042908-2
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - Vss
+7
V
Any input voltage
VIN
Vss - 0.3 to VDD + 0.3
V
Operating temperature
TA
0 to +90
o
C
Storage temperature
TSTG
-65 to +150
o
C
TRIG/ (Pin 8) The TRIG/ can be turned on or off by applying the active
logic level at either the SENS/ or the EXT input for a brief duration. In
the Off state, the TRIG/ sits at steady high level turning off the triac in
series with the lamp. In the On state, the TRIG/ outputs a low going
pulse once every half cycle of the AC at a conduction angle set by the
voltage at the BCV input.
Upon power up the TRIG/ output defaults to the following
states:
For
LS7642 the TRIG/ is off.
For
LS7642FO the TRIG/ is on



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com