Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7642 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7642
Description  VOLTAGE CONTROLLED LIGHT DIMMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7642 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7642 Datasheet HTML 1Page - LSI Computer Systems LS7642 Datasheet HTML 2Page - LSI Computer Systems LS7642 Datasheet HTML 3Page - LSI Computer Systems LS7642 Datasheet HTML 4Page - LSI Computer Systems LS7642 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VOLTAGE CONTROLLED LIGHT DIMMER with SOFT ON/OFF
FEATURES:
• Analog input for direct control of illumination
• Soft turn-on or turn-off with touch or pushbutton
• Controls high-voltage Halogen or Incandescent lamps
• Controls low-voltage halogen lamps via
magnetic or electronic transformers
• Automatic safety shutdown for magnetic transformers
• Controls CFLs and fluorescent lamps via dimming ballasts
• Extension input for remote operation
• Suited for 50Hz or 60Hz AC
• Single 5V power supply
LS7642, LS7642FO (DIP); LS7642-S, LS7642FO-S (SOIC)
- See Figure 1 -
GENERAL DESCRIPTION
LS7642 is an innovative light dimmer allowing direct control of il-
lumination with analog voltage. The analog voltage applied at the
brightness control input directly controls the conduction angle of
a triac in series with the lamp. For manual dimming applications
such as, wall switches, floor and table lamps etc, a sliding or ro-
tary potentiometer with a center tap can serve as the controlling
element. For automated applications such as uC controlled il-
lumination, dawn, dusk and daylight emulation in chicken coops
etc., the control voltage can be provided by the uC with built-in or
external D/A converter creating accurate control of dimming pat-
terns. Turn-on and turn-off of the lamp is made with a touch or
push-button or uC signal applied at the SENSE/ input or the EXT
input. In both turn-on and turn-off events, the brightness is softly
ramped up and ramped down, respectively.
SAFETY SHUTDOWN:
A typical electronic dimmer may not operate properly with the in-
ductive load encountered when driving a magnetic transformer-
coupled low-voltage halogen lamp. The inductive load may cause
a phenomenon called half-waving wherein the triac fires in al-
ternate AC half cycles leading to thermal destruction of the load
transformer. This problem is addressed by the
LS7642 in two
steps as described below:
1. Delayed triac turn-off.
When a trigger pulse is due to occur at a conduction angle which
coincides with the on state of the triac, the trigger pulse is de-
layed until the triac has turned off. This eliminates the underlying
cause of half-waving.
2. Delayed triac turn-on.
With inductive loads, the holding current needed to maintain the
triac on state may seriously lag behind the gate trigger signal
causing the triac to turn off prematurely. If the frequency of oc-
currences of the delayed turn-on exceeds a preset threshold, a
shutdown is initiated by turning off the trigger pulses. The safety
shutdown threshold value is accumulated in a 4-bit up/down
counter. The count increments for every occurrence of delayed
turn-on and decrements once every 8 AC cycles. If the count
reaches 15, the safety shutdown is invoked.
INPUT/OUTPUT DESCRIPTION:
VDD (Pin 1) Supply voltage positive terminal.
BCV (Pin 2) Brightness control input. The voltage applied at the BCV
input controls the triac conduction angle and hence the brightness of
the lamp. The brightness varies in direct proportion to the applied volt-
age. For manual control of brightness, the BCV voltage can be sup-
plied from the center tap of a potentiometer connected between VDD
and VSS. In non-manual instrumentation application where a uC is the
controlling agent, the BCV voltage can directly be provided by the uC.
The dynamic range of the BCV voltage is between 25% and 88% of
the applied power supply. For VDD = 5.0V this translates to a range be-
tween 1.25V for the minimum brightness and 4.4V for the maximum
brightness. There are 81 discrete brightness steps of 1.4o/39mV in-
crements in the dynamic range of 1.25V and 4.4V of the BCV voltage.
The corresponding conduction angles are 45o at the dimmest and
159o at the brightest.
TEST (Pin 3) For factory use only, should be left unconnected.
SYNC (Pin 4) The AC line frequency is applied to this input for syn-
chronizing all internal timings relative to the AC zero crossing. The
load on/off status information is also derived from this input for en-
forcing the safety shutdown protocol.
SENS/ (Pin 5) A momentary logic low applied to this input either with
a touch or a push-button switch, causes the state of the TRIG/ output
to switch; the lamp is turned on if the pre-touch state was off and
turned off if the pre-touch state was on. When turning on the bright-
ness is softly ramped up from off through minimum to the brightness
set by the BCV input. When turning off the brightness is softly ramped
down from the pre-touch brightness to off. The ramp rate for either
case is 1.4o/33.3ms at 60Hz or 1.4o/40ms at 50Hz.
EXT (Pin 6) The EXT input has the same functionality as the SENS/
input. It is designed to discriminate ac pick-ups when remotely locat-
ed touch plates are connected to the dimmer units with long cables. A
logic high is the active level at the EXT input.
VSS (Pin 7) Supply voltage negative terminal.
October 2009
7642-102009-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
UL
®
A3800
LS7642
LS7642FO
1
2
3
4
8
7
6
5
VSS (-V )
EXT
VDD (+V )
BCV
SYNC
FIGURE 1
TRIG/
SENS/
PIN ASSIGNMENT - TOP VIEW
TEST


Similar Part No. - LS7642

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7632 LSI-LS7632 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634FO LSI-LS7634FO Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results

Similar Description - LS7642

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
69Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
M7232 ETC-M7232 Datasheet
18Kb / 1P
CONTINUOUS, ON/OFF LIGHT DIMMER
logo
Holt Integrated Circuit...
HI-2410 HOLTIC-HI-2410 Datasheet
258Kb / 3P
CAPACITIVE TOUCH LIGHT DIMMER CIRCUITS
logo
Siemens Semiconductor G...
SLB0586 SIEMENS-SLB0586 Datasheet
545Kb / 17P
DIMMER IC
BTS629 SIEMENS-BTS629 Datasheet
312Kb / 9P
Dimmer
logo
LSI Computer Systems
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
Asahi Kasei Microsystem...
AP1601 AKM-AP1601 Datasheet
919Kb / 22P
LED light control IC, dimmer compatible
logo
LSI Computer Systems
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
STMicroelectronics
T1605G-6I STMICROELECTRONICS-T1605G-6I Datasheet
231Kb / 10P
16 A Triac for LED light dimmer
27-Sep-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com