Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8297CT Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS8297CT
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8297CT Datasheet(HTML) 2 Page - LSI Computer Systems

  LS8297CT Datasheet HTML 1Page - LSI Computer Systems LS8297CT Datasheet HTML 2Page - LSI Computer Systems LS8297CT Datasheet HTML 3Page - LSI Computer Systems LS8297CT Datasheet HTML 4Page - LSI Computer Systems LS8297CT Datasheet HTML 5Page - LSI Computer Systems LS8297CT Datasheet HTML 6Page - LSI Computer Systems LS8297CT Datasheet HTML 7Page - LSI Computer Systems LS8297CT Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PHA/PHB/PHC/PHD
Phase drive output signals for power stages. In a Bipolar motor
PHA and PHB are used for one H-bridge while PHC and PHD
are used for the other.
INH1/INH2 Outputs
These outputs are active low inhibit controls for motor drive
outputs. INH1 controls driver stage using PHA and PHB sig-
nals while INH2 control driver stage using PHC and PHD sig-
nals. When the Control input is low, these outputs are chopped
using the internal oscillator for current regulating.
CONTROL Input
When high, the phase outputs, PHA, PHB, PHC and PHD are
chopped. When low, INH1 and INH2 are chopped. Normally,
inhibit outputs are chopped. Phase chopping might be used
with a Bipolar motor that does not store much energy to pre-
vent fast current decay and a low useful torque.
ENABLE Input
When Enable input is low, INH1, INH2, PHA, PHB, PHC and
PHD are brought low.
HOME Output
An open drain output that indicates when the
LS8297 is in its
initial state with PHA, PHB, PHC, PHD = logic states 0101 re-
spectively. Refer to Figure 4. In the active state the open drain
device is off.
STEP Input
An active low pulse on this input causes the motor to ad-
vance one step. The step occurs on the rising edge of the
step signal.
FRD/REV Input
A logic 1 on this input causes the motor to advance through
the stepping sequence of Fig. 4. A logic 0 on this input cause
the motor to reverse the sequence.
RESET Input
An active low on this input cause the motor to be restored to
the home position (0101).
HALF/FULL Input
When high, half-step operation is selected. When low, full-
step operation is selected. One-phase on full step is selected
by selecting full when stepping sequence is at an even state.
Two-phase on full step operation is selected when stepping
sequence is at an odd state. Refer to Figure 4.
SENSE1/ SENSE2 Inputs
Inputs for load current sense voltages from power stages us-
ing PHA and PHB drive signals or PHC and PHD drive sig-
nals, respectively.
VREF
Reference voltage for chopper circuit which determines the
peak load current.
8297-091608-2
FIGURE 2. LS8297/LS8297CT BLOCK DIAGRAM
OUTPUT LOGIC
TRANSLATOR
+
-
14
13
16
SENSE1
SENSE2
VREF
OSC
3
17
20
19
12
4
9
5
6
7
8
PHA INH1 PHB PHC
PHD
INH2
VDD
HALF/FULL
RESET
FWD/REV
STEP
HOME
18
OSC
S
Q
R
FF1
R
S
Q
FF2
1
10
+
-
SYNC
CONTROL
11
ENABLE
MUX
x0.707
15
VSS
2
+V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com