Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8297CT Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS8297CT
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8297CT Datasheet(HTML) 6 Page - LSI Computer Systems

  LS8297CT Datasheet HTML 1Page - LSI Computer Systems LS8297CT Datasheet HTML 2Page - LSI Computer Systems LS8297CT Datasheet HTML 3Page - LSI Computer Systems LS8297CT Datasheet HTML 4Page - LSI Computer Systems LS8297CT Datasheet HTML 5Page - LSI Computer Systems LS8297CT Datasheet HTML 6Page - LSI Computer Systems LS8297CT Datasheet HTML 7Page - LSI Computer Systems LS8297CT Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FIGURE 5A. Typical Application Schematic for a Two-Phase Bipolar Motor Using a Single Motor Driver IC
FIGURE 5B. One half of L298 Drive Stage
8297-040309-6
VM
PHA
PHB
INH1
Q1
Q2
Q3
Q4
D1
D3
D4
D2
R
SENSE1
13
14
2
16
10
17
18
20
11
19
7
4
8
5
12
11
7
10
9
4
2
3
13
14
1
15
8
MCU
LS8297
LS8297CT
L298
5V
VM
RESET
ENABLE
STEPPER
MOTOR
WINDINGS
PHA
PHB
PHC
PHD
SENSE1
VREF
INH1
INH2
STEP
FRD/REV
VDD
VSS
SENSE2
15
9
12
6
INH1
INH2
PHA
PHB
PHC
PHD
5
6
R
R
OUT1
OUT2
OUT3
OUT4
VDD
VS
VDD
HALF/FULL
CONTROL
VSS
See Note
Note: The SENSE resistors on L298 should be chosen so that
IMAX = V REF/R, where IMAX is the maximum motor winding current.
22k
3.3nF
OSC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com