Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KMB35L Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # L7C109KMB35L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KMB35L Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  L7C109KMB35L Datasheet HTML 1Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 2Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
DQ3
VSS
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE
DQ8
DQ7
DQ6
DQ5
DQ4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
DQ2
DQ3
VSS
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE
DQ8
DQ7
DQ6
DQ5
DQ4
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
30
Top
View
31
14
19 20
4
32
31
2
15 16 17 18
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
WE
A13
A8
A9
A11
OE
A10
CE1
DQ8
LOGIC Devices Incorporated
www.logicdevices.com
1
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
128K x 8 Static RAM
L7C108
L7C109
128K x 8 Static RAM with Chip
Select Powerdown, Output Enable
and Single or Dual Chip Selects
High Speed — to 15 ns maximum
Operational Power, -L Version
Active: 140 mA at 15 ns
Standby: 1 mA max
Data Retention at 2 V for Battery
Backup Operation
Screened to MIL-STD-883, Class B
or to SMD 5962-89598
Package Styles Available:
Pin Configuration
FEATURES
32-pin Ceramic DIP
32-pin Ceramic SOJ
32-pin Quad CLCC
32-pin Ceramic LCC
The L7C108 and L7C109 are high-perfor-
mance, low-power CMOS static RAMs.
The storage circuitry is organized as
131,072 words by 8 bits per word. The
8 Data In and Data Out signals share I/O
pins. The L7C108 has a single active-
low Chip Enable. The L7C109 has two
devices are available in three speeds
with maximum access times from 15 ns
to 45 ns.
Inputs and outputs are TTL compatible.
Operation is from a single +5 V power
supply. Power consumption is 140 mA
retained in inactive storage with a supply
voltage as low as 2 V.
The L7C108 and L7C109 provide asyn-
matching access and cycle times. The
Chip Enables and a three-state I/O bus
with a separate Output Enable control
simplify the connection of several chips
for increased storage capacity.
Memory locations are specified on
address pins A0 through A16. For the
L7C108, reading from a designated
location is accomplished by present-
ing an address and driving CE1 and OE
LOW while WE remains HIGH. For the
L7C109, CE1 and OE must be LOW
while CE2 and WE are HIGH.The data in
the addressed memory location will then
appear on the Data Out pins within one
access time. The output pins stay in a
high-impedance state when CE1 or OE is
HIGH, or CE2
Writing to an addressed location is
accomplished when the active-low CE1
and WE inputs are both LOW, and CE2
may be used to terminate the write oper-
ation. Data In and Data Out signals have
the same polarity.
Latchup and static discharge protection
are provided on-chip. The L7C108 and
L7C109 can withstand an injection cur-
rent of up to 200 mA on any pin without
damage.
OVERVIEW


Similar Part No. - L7C109KMB35L

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L7C109 LODEV-L7C109 Datasheet
711Kb / 15P
128K x 8 Static RAM
More results

Similar Description - L7C109KMB35L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com