Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KMB35L Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # L7C109KMB35L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KMB35L Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  L7C109KMB35L Datasheet HTML 1Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 2Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KMB35L Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
4
128K x 8 Static RAM
L7C108
L7C109
SWITCHING CHARACTERISTICS Over Operating Range
READ CYCLE Notes 5, 11, 12, 22, 23, 24 (ns)
L7C108/109
READ CYCLE - ADDRESS CONTROLLED Notes 13, 14
DATA OUT
tAVAV
tPU
tPD
tELQV
HIGH IMPEDANCE
CE
OE
tELQX
tGLQV
tGLQX
DATA VALID
Icc
50%
50%
tGHQZ
tEHQZ
HIGH
IMPEDANCE
READ CYCLE - CE/OE CONTROLLED NOTES 13, 15
ADDRESS
DATA OUT
PREVIOUS DATA VALID
ICC
tAVAV
tPU
tAVQX
tPD
tAVQV
DATA VALID
Symbol Parameter
Read Cycle Time
Address Change to Output Change
Output Enable Low to Output Valid
15/15-L 20/20-L 25/25-L 35/35-L 45/45-L
tAVAV
t
t
t
t
t
t
t
t
tPU
Min
15
3
3
0
0
Max
15
15
7
8
6
Min
20
3
3
0
0
Max
20
20
8
10
6
Min
25
3
3
0
0
Max
25
25
10
10
10
Min
35
3
3
0
0
Max
35
35
15
15
15
Min
45
3
3
0
0
Max
45
45
20
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com