Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2HT-06 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX2HT-06
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX2HT-06 Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX2HT-06 Datasheet HTML 1Page - STATEK CORPORATION CX2HT-06 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
An increasing number of applications require the use of
high-temperature crystals. For these applications, Statek
offers the CX1HT-06, CX2HT-06 and CX2HT-07 leaded
crystals. These crystals are designed to operate at
temperatures up to and including 175ºC. The frequency
range offered is 6 MHz to 250 MHz for CX1HT-06 and
9.6 MHz to 250 MHz for CX2HT-06 and CX2HT-07
crystals. The expected life at 175ºC is in excess of 1,000
hours.
FEATURES
High temperature operation up to 175OC
High shock resistance
Hermetically sealed ceramic package
Through-hole leaded package
Reduces mechanical and thermal mounting stresses
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PACKAGE DIMENSIONS - CX2HT
CX1HT-06
CX2HT-06
CX2HT-07
HIGH TEMPERATURE CRYSTALS
Leaded/High Temperature/High Frequency
6 MHz - 250 MHz
9.6 MHz - 250 MHz 9.6 MHz - 250 MHz
10202 Rev B
A
B
E
C
D
F
PACKAGE DIMENSIONS - CX1HT-06
CX1HT
TYPICAL
MAXIMUM
DIM
INCHES
mm
INCHES
mm
A
0.315
8.00
0.330
8.38
B
0.140
3.56
0.155
3.94
C
0.080
2.03 (glass)
C
0.095
2.41 (ceramic)
D
0.300
7.62
0.310
7.87
E
0.020
0.51
0.040
1.02
F
0.150
3.81
0.160
4.06
Leads: Thickness 0.010” x 0.018” Width (0.25 x 0.46 mm) typical.
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
Notes:
1.Terminal 1 is electrically connected
internally to terminal 3.
2.Lead dimensions
Width: 0.013” (0.33mm) Typical
Thickness: 0.0055” (0.14mm) Typical
3.A = Glass Lid 0.080 (2.03) max.
Ceramic Lid 0.095 (2.41) max.


Similar Part No. - CX2HT-06

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CX2HCSM1 RSG-CX2HCSM1 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HCSM2 RSG-CX2HCSM2 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HCSM3 RSG-CX2HCSM3 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSCSM1 RSG-CX2HSCSM1 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2HSCSM2 RSG-CX2HSCSM2 Datasheet
512Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
More results

Similar Description - CX2HT-06

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
STATEK CORPORATION
CX1HT-EXT STATEK-CX1HT-EXT_09 Datasheet
197Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1VHT STATEK-CX1VHT_11 Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HT STATEK-CX1HT Datasheet
758Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com