Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX2HT-06 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX2HT-06
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX2HT-06 Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX2HT-06 Datasheet HTML 1Page - STATEK CORPORATION CX2HT-06 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10202 Rev B
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-55OC to 125OC
Maximum Process Temperature
200OC for 10 sec.
“S” if special or
custom design.
Blank if Std.
Frequency
M = MHz
Calibration
Tolerance
@ 250C
(in ppm)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
See Specifications Table below
Calibration Tolerance1
± 100 ppm, or tighter, as required
Operating Temperature Range2 +25OC up to +175OC
Frequency-Temperature
125 ppm for +25OC to +150OC
Stability3
150 ppm for +25OC to +175OC
Total Tolerance4
200 ppm for +25OC to +175OC
Aging, first year
5 ppm at 25OC
Shock, survival5
1,000 g, 1 ms, 1/2 sine
Vibration, survival5
20 g RMS, 10-2,000 Hz
1. Tighter frequency calibration available. Contact factory.
2. Other temperature ranges available.
3. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the thickness-shear mode.
4. Includes calibration tolerance.
5. Higher shock and vibration available.
+
_
+
_
+
_
PACKAGING OPTIONS
• Tray Pack
- 06
- 07
CX1HT
CX2HT
CX1HT
S
06
20.0M
,
100
/
175
/
/
S
Frequency Motional Resistance
Motional Capacitance Shunt Capacitance
Quality Factor
Load Capacitance
Range
R1 @ 25°C
C1 @ 25°C
C0 @ 25°C
Q @ 25°C
CL Load
Drive Level
6 MHz to
30 Ω @ 10 MHz
5.5 fF @ 10 MHz
2.2 pF @ 10 MHz
100 K @ 10 MHz
20 pF for f < 50 MHz
500 µW MAX. for f < 50 MHz
CX1HT
250 MHz
25 Ω @ 32 MHz
6.2 fF @ 32 MHz
2.3 pF @ 32 MHz
30 K @ 32 MHz
10 pF for f > 50 MHz
200 µW MAX. for f > 50 MHz
9.6 MHz to 60 Ω @ 10 MHz
2.8 fF @ 10 MHz
1.4 pF @ 10 MHz
95 K @ 10 MHz
20 pF for f < 50 MHz
200 µW MAX. for f < 50 MHz
CX2HT
250 MHz
30 Ω @ 32 MHz
6.2 fF @ 32 MHz
2.3 pF @ 32 MHz
30 K @ 32 MHz
10 pF for f > 50 MHz
100 µW MAX. for f > 50 MHz
SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
1. For more detailed specifications on high frequency crystals, refer to standard high frequency crystal datasheets (CX1SM, CX2SM)
HOW TO ORDER CX1VHT-06, CX2VHT-06 and CX2VHT-07 CRYSTALS
/
/
200
/
S
Temp. Range:
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Temp. Range:
S = Customer
Specified Temp.
Range
OR
C = Ceramic Lid
Blank = Glass Lid
PACKAGE HANDLING
Take proper soldering consideration as the melting
temperature of the lead-attach solder is 217OC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com