Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS07A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PCS07A
Description  Low Profile Cellular SMD Dielectric Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCS07A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PCS07A Datasheet HTML 5Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 6Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 7Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 8Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 9Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 10Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 11Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 12Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SPE-13-8-028/B/WY | page 13 of 13
7. Application Note
Taoglas makes no warranties based on the
accuracy or completeness of the contents
of this document and reserves the right to
make changes to specifications and
product descriptions at any time
without notice. Taoglas reserves all
rights to this document and the
information contained herein.
Reproduction, use or disclosure to third
parties without express permission is
strictly prohibited.
Copyright © Taoglas Ltd.
6
4
2
0
-2
-4
-6
-8
-10
0
-2
-4
-6
-8
-10
-12
-14
500
1000
1500
2000
2500
3000
(MHz)
50mm Ground Plane Length
80mm Ground Plane Length
100mm Ground Plane Length
120mm Ground Plane Length
140mm Ground Plane Length
50mm Ground Plane Length
80mm Ground Plane Length
100mm Ground Plane Length
120mm Ground Plane Length
140mm Ground Plane Length
500
1000
1500
2000
2500
3000
(MHz)
Maximum Gain
Average Gain
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com