Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS07A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCS07A
Description  Low Profile Cellular SMD Dielectric Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCS07A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCS07A Datasheet HTML 1Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 2Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 3Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 4Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 5Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 6Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 7Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 8Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-13-8-028/B/WY | page 2 of 13
The PCS.07.A is a low profile SMT cellular
antenna designed for direct SMT mount
on the device PCB. It provides highest
efficiency in very small factor 35*7*3mm.
It is more resistant to detuning compared
to other antenna integrations.
If tuning is required it can be tuned for the
device environment, while there is no need
for new tooling. Its rectangular shape and
very small size makes it very easy to
integrate – can be mounted directly
on the edge of the PCB board.
The PCS.07 antenna is suitable for lower
cost cellular applications and is especially
suitable for telematics and
automotive sector. If higher efficiency
or improved radiated spurious emissions
are required, especially on smaller
ground-planes, please use our PA
series antennas, PA.25 or PA.710.
1. Introduction
2. Specification
Electrical
GSM Band
GSM 850
GSM 900
DCS
PCS
WCDMA I
Frequency (MHz)
824~896
880~960
1710~1880
1850~1990
1920~2170
Peak Gain (dBi)*
-1.96
-1.77
2.90
2.83
2.57
Average Gain (dBi)*
-4.68
-4.44
-2.50
-2.68
-2.42
Efficiency (%)*
32.02
31.06
45.14
52.82
50.11
Return Loss (dB)*
< -3
< -4
< -5
< -7
< -6
Polarization
Linear
Impedance
50 Ω
Mechanical
Antenna Dimensions
35mm x 7mm x 3mm
Material
Polymer
Soldering Type
SMT through Reflow
Environmental
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
* All measurements taken on 100mm length ground plane EVB board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com