Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R331L Datasheet(PDF) 6 Page - Bourns Electronic Solutions

Part # CM453232-R331L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R331L Datasheet(HTML) 6 Page - Bourns Electronic Solutions

  CM453232-R331L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM252016 Series Wirewound
RoHS Compliant
1008 Size
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part Number
µH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM252016-10NKL
0.010
±10 %
10
100
2500
0.32
280
CM252016-12NKL
0.012
±10 %
10
100
2200
0.34
270
CM252016-15NKL
0.015
±10 %
10
100
1800
0.38
255
CM252016-18NKL
0.018
±10 %
10
100
1550
0.4
250
CM252016-22NKL
0.022
±10 %
15
100
1350
0.43
240
CM252016-27NKL
0.027
±10 %
15
100
1150
0.47
230
CM252016-33NKL
0.033
±10 %
15
100
1000
0.51
220
CM252016-39NKL
0.039
±10 %
15
100
890
0.55
215
CM252016-47NKL
0.047
±10 %
15
100
770
0.59
205
CM252016-56NKL
0.056
±10 %
15
100
670
0.63
200
CM252016-68NKL
0.068
±10 %
15
100
590
0.68
190
CM252016-82NKL
0.082
±10 %
15
100
520
0.73
185
CM252016-R10KL
0.10
±10 %
10
25.2
460
0.80
175
CM252016-R12KL
0.12
±10 %
10
25.2
400
0.87
170
CM252016-R15KL
0.15
±10 %
10
25.2
340
0.98
160
CM252016-R18KL
0.18
±10 %
10
25.2
300
1.05
155
CM252016-R22ML
0.22
±20 %
25
25.2
230
0.70
190
CM252016-R27ML
0.27
±20 %
25
25.2
210
0.75
180
CM252016-R33ML
0.33
±20 %
25
25.2
190
0.85
170
CM252016-R39ML
0.39
±20 %
25
25.2
175
0.95
160
CM252016-R47ML
0.47
±20 %
25
25.2
160
1.00
155
CM252016-R56ML
0.56
±20 %
25
25.2
150
1.10
150
CM252016-R68ML
0.68
±20 %
25
25.2
135
1.25
140
CM252016-R82ML
0.82
±20 %
25
25.2
125
1.40
130
CM252016-1R0KL
1.0
±10 %
25
7.96
115
0.65
195
CM252016-1R2KL
1.2
±10 %
25
7.96
100
0.75
180
CM252016-1R5KL
1.5
±10 %
25
7.96
90
0.85
170
CM252016-1R8KL
1.8
±10 %
25
7.96
85
0.95
160
CM252016-2R2KL
2.2
±10 %
25
7.96
80
1.05
155
CM252016-2R7KL
2.7
±10 %
25
7.96
75
1.2
145
CM252016-3R3KL
3.3
±10 %
25
7.96
65
1.3
135
CM252016-3R9KL
3.9
±10 %
25
7.96
60
1.4
130
CM252016-4R7KL
4.7
±10 %
25
7.96
55
1.6
125
CM252016-5R6KL
5.6
±10 %
25
7.96
50
1.8
120
CM252016-6R8KL
6.8
±10 %
25
7.96
45
1.9
115
CM252016-8R2KL
8.2
±10 %
25
7.96
40
2.2
105
CM252016-100KL
10
±10 %
25
2.52
32
3.5
80
CM252016-120KL
12
±10 %
25
2.52
30
3.8
75
CM252016-150KL
15
±10 %
25
2.52
28
4.4
70
CM252016-180KL
18
±10 %
25
2.52
25
5.0
65
CM252016-220KL
22
±10 %
25
2.52
22
5.8
60
CM252016-270KL
27
±10 %
20
2.52
21
6.3
115
CM252016-330KL
33
±10 %
20
2.52
20
7.1
110
CM252016-390KL
39
±10 %
20
2.52
18
9.5
90
CM252016-470KL
47
±10 %
20
2.52
17
11.0
80
CM252016-560KL
56
±10 %
20
2.52
16
12.1
75
CM252016-680KL
68
±10 %
20
2.52
15
16.6
70
CM252016-820KL
82
±10 %
20
2.52
13
19.0
65
CM252016-101KL
100
±10 %
15
0.796
12
21.0
60
Tighter tolerance available on request. Consult factory.
NOTE: 10 nH to 180 nH ‘air core’ / 220 nH to 220 uH ‘ferrite core’



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com