Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R331L Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # CM453232-R331L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R331L Datasheet(HTML) 8 Page - Bourns Electronic Solutions

  CM453232-R331L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R331L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM160808 Series Laser-cut Winding
RoHS Compliant
0603 Size
Inductance
Q
Test Frequency
SRF min.
RDC
IDC
Part Number
nH
Tolerance
min.
MHz
MHz
ohm max
mA max
CM160808-1N5DL
1.5
± 0.3 nH
8
100
6000
0.07
500
CM160808-1N8DL
1.8
± 0.3 nH
8
100
6000
0.08
500
CM160808-2N2DL
2.2
± 0.3 nH
8
100
6000
0.09
500
CM160808-2N7DL
2.7
± 0.3 nH
8
100
6000
0.10
500
CM160808-3N3DL
3.3
± 0.3 nH
9
100
5500
0.12
500
CM160808-3N9JL
3.9
±5 %
9
100
5500
0.15
450
CM160808-4N7JL
4.7
±5 %
9
100
4800
0.17
450
CM160808-5N6JL
5.6
±5 %
9
100
4600
0.18
430
CM160808-6N8JL
6.8
±5 %
9
100
3550
0.20
430
CM160808-8N2JL
8.2
±5 %
9
100
3500
0.28
400
CM160808-10NJL
10
±5 %
10
100
2800
0.32
400
CM160808-12NJL
12
±5 %
10
100
2800
0.35
400
CM160808-15NJL
15
±5 %
10
100
2500
0.41
350
CM160808-18NJL
18
±5 %
10
100
2300
0.45
350
CM160808-22NJL
22
±5 %
10
100
2000
0.50
300
CM160808-27NJL
27
±5 %
10
100
2000
0.55
300
CM160808-33NJL
33
±5 %
10
100
1800
0.60
300
CM160808-39NJL
39
±5 %
11
100
1800
0.80
300
CM160808-47NJL
47
±5 %
11
100
1800
0.95
250
CM160808-56NJL
56
±5 %
12
100
1800
1.2
250
CM160808-68NJL
68
±5 %
12
100
1500
1.3
250
CM160808-82NJL
82
±5 %
12
100
1500
1.5
250
CM160808-R10JL
100
±5 %
12
100
1300
1.8
200
CM160808-R12JL
120
±5 %
5
25.2
1200
3.0
130
CM160808-R15JL
150
±5 %
5
25.2
1100
4.5
100
CM160808-R18JL
180
±5 %
4
25.2
1000
6.5
80
CM160808-R22JL
220
±5 %
4
25.2
900
7.5
70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com