Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024DM-55LLT Datasheet(PDF) 12 Page - AMIC Technology

Part # LP621024DM-55LLT
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024DM-55LLT Datasheet(HTML) 12 Page - AMIC Technology

Back Button LP621024DM-55LLT Datasheet HTML 8Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 9Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 10Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 11Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 12Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 13Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 14Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 15Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LP621024D-T Series
(August, 2001, Version 1.0)
12
AMIC Technology, Inc.
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
Standby Current
Max. (
µµA)
Package
LP621024D-55LLT
70
50
32L DIP
LP621024DM-55LLT
55
70
50
32L SOP
LP621024DV-55LLT
70
50
32L TSOP
LP621024DX-55LLT
70
50
32L TSSOP
LP621024D-70LLT
70
50
32L DIP
LP621024DM-70LLT
70
70
50
32L SOP
LP621024DV-70LLT
70
50
32L TSOP
LP621024DX-70LLT
70
50
32L TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com