Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024DM-55LLT Datasheet(PDF) 7 Page - AMIC Technology

Part # LP621024DM-55LLT
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024DM-55LLT Datasheet(HTML) 7 Page - AMIC Technology

Back Button LP621024DM-55LLT Datasheet HTML 3Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 4Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 5Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 6Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 7Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 8Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 9Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 10Page - AMIC Technology LP621024DM-55LLT Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LP621024D-T Series
(August, 2001, Version 1.0)
7
AMIC Technology, Inc.
Timing Waveforms (continued)
Read Cycle 4
(1)
tRC
Address
CE2
DOUT
tAA
tOE
tOLZ5
tACE1
tCLZ15
tACE2
tCLZ25
tCHZ25
tOHZ5
tCHZ15
tOH
OE
CE1
Notes: 1. WE is high for Read Cycle.
2. Device is continuously enabled CE1 = VIL and CE2 = VIH.
3. Address valid prior to or coincident with CE1 transition low.
4. OE = VIL.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.
6. CE2 is high.
7. CE1 is low.
8. Address valid prior to or coincident with CE2 transition high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com