Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOL Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOL
Description  Ultra-Low Current, Miniature Quartz Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOL Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOL Datasheet HTML 1Page - STATEK CORPORATION CXOL Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+
_
SPECIFICATIONS: CXOL
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage
1.2 V - 5.0 V 10%
Current Consumption
32.768 kHz (2.8 µA)1
32.768 kHz (0.4 µA)2
100.0 kHz
(8.0 µA)1
Calibration Tolerance3
20 ppm,
50 ppm or
100 ppm
Voltage Coefficient
1 ppm/V
Output load (CMOS)4
10 pF
Aging, first year
2 ppm
Shock, survival
5000 g peak, 0.3 ms,1/2 sine
Vibration, survival
20 g, 10 -2000 Hz swept sine
Startup Time
200 ms
Operating Temperature
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
1. VDD = 3.3V and 10 pF load.
2. VDD = 3.3V, 10 pF load and OE is low.
3. Tighter calibration tolerances available. Please contact factory.
4. Other loads available. Please contact factory.
+
_
+
_
+
_
+
_
+
_
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10205 Rev A
ELECTRICAL CHARACTERISTICS
CXOL 32.768 kHz
All parameters are measured at 25ºC with a 10MΩ and
10pF load with VDD 3.3 V.
SYMBOL PARAMETER
MIN.
TYP. MAX. UNIT
V
Output Voltage Hi VDD-0.4 VDD
V
VOutput Voltage Lo
0
0.4
V
SYM
Duty Cycle
45
50
55
%
tr
Rise Time (10%-90%)
50
nsec.
tf
Fall Time (10%-90%)
50
nsec.
OH
OL
HOW TO ORDER CXOL SURFACE MOUNT CRYSTAL OSCILLATORS
CXOL
3
S
N
SM3
32.768K
,
50
/
C
Frequency
K = kHz
1 = 1.8V
2 = 2.5V
3 = 3.0V
4 = 3.3V
5 = 5.0V
“S” if special or
custom design.
Blank if Std.
Blank = SM1
=Gold Plated
(Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
Calibration
Tolerance
@ 25OC
(in PPM)
Temp. Range:
C= -10°C to +70°C
I=-40°Cto+85°C
M = -55°C to +125°C
T = Tri-State
N = no
connection
PIN CONNECTIONS
Pin
Connection
1Output
2Ground
3Output Enable (T) or NC
4VDD
Tri-State (Pin 3 High*) Disable (Pin 3 Low)
Output
Frequency Output
High Z State
Internal Osc.
Oscillates
Oscillates
Current
Normal
Lower than Normal
TRISTATE/DISABLE OPTIONS (T/N)
Statek offers two enable/disable options: T and N. The T-
version has a Tri-State output and continues oscillating
internally when the output is put into the high Z state. The
N-version does not have PIN 3 connected internally and so
has no Tri-State/Disable capability. The following table
describes the Tri-State/Disable option T.
* When PIN 3 is allowed to float, it is held high by an internal pull-up resistor.
TRISTATE/DISABLE OPTION T
FUNCTION TABLE
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5V to 7V
Storage Temperature
-55OC to +125OC
Process Temperature
260OC, 2 min.
PACKAGING OPTIONS
CXOL -Tray Pack
-12 mm carrier tape, 7”or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com