Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOL Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOL
Description  Ultra-Low Current, Miniature Quartz Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOL Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOL Datasheet HTML 1Page - STATEK CORPORATION CXOL Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10205 Rev A
CXOL OSCILLATOR
32 kHz - 100 kHz
Ultra-Low Current, Miniature Quartz Crystal Oscillator
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.126
3.20
0.130
3.30
B0.059
1.50
0.063
1.60
C (SM1)
0.037
0.95
0.039
1.00
D0.029
0.75
0.030
0.77
E0.020
0.50
0.021
0.52
DESCRIPTION
CXOL is an ultra-miniature (3.2 x 1.5mm), ultra-low current
quartz crystal oscillator with a typical start-up time of
200ms. Hermetically sealed in a highly reliable ceramic
housing, this oscillator is available over a wide range of input
voltages (1.2 V - 5.0 V).
FEATURES
Ultra-low current consumption
Typical start-up time of 200ms
Typical rise and fall times of 25ns
Hermetically sealed ceramic package
Optional output enable/disable with Tri-State
Full military testing per MIL-PRF-55310 available
Designed, manufactured, and tested in the USA
APPLICATIONS
Medical
• Implantable pacemakers
• Implantable defibrillators
• Implantable neuro devices
• Other implantable and external medical devices
Military
Industrial
DIMENSIONS
PIN CONNECTIONS
1. Output
2. Ground
3. Output Enable/Disable (T) or no connection (N)
4. VDD
SUGGESTED LAND PATTERN


Similar Part No. - CXOL

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CXOL EUROQUARTZ-CXOL Datasheet
101Kb / 1P
Ultra-low Current, Miniature Oscillator
logo
IQD Frequency Products ...
CXOL-5.0V IQD-CXOL-5.0V Datasheet
192Kb / 2P
Crystal Clock Oscillator Specification
logo
STATEK CORPORATION
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
Ultra-Low Power/Fast Start-Up/Ultra-Miniature
logo
IQD Frequency Products ...
CXOLAT-1.8V IQD-CXOLAT-1.8V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
CXOLAT-2.5V IQD-CXOLAT-2.5V Datasheet
140Kb / 3P
Crystal Clock Oscillator Specification
More results

Similar Description - CXOL

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX4 STATEK-CX4_08 Datasheet
117Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX16 STATEK-CX16 Datasheet
189Kb / 2P
Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CXOL EUROQUARTZ-CXOL Datasheet
101Kb / 1P
Ultra-low Current, Miniature Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com