Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S1664C Datasheet(PDF) 13 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology LP62S1664C Datasheet HTML 10Page - AMIC Technology LP62S1664C Datasheet HTML 11Page - AMIC Technology LP62S1664C Datasheet HTML 12Page - AMIC Technology LP62S1664C Datasheet HTML 13Page - AMIC Technology LP62S1664C Datasheet HTML 14Page - AMIC Technology LP62S1664C Datasheet HTML 15Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
LP62S1664C Series
PRELIMINARY
(February, 2002, Version 0.0)
12
AMIC Technology, Inc.
Low VCC Data Retention Waveform
VCC
CE
tCDR
VIH
2.7V
tR
VIH
2.7V
DATA RETENTION MODE
VDR
≥ 2V
CE
≥ VDR - 0.2V
tVR
Ordering Information
Part No.
Access Time (ns)
Operating Current
Max. (mA)
Standby Current
Max. (
µµA)
Package
LP62S1664CV-55LLT
44L TSOP
LP62S1664CV-55LLI
44L TSOP
LP62S1664CU-55LLT
48B Mini BGA
LP62S1664CU-55LLI
55
50
5
48B Mini BGA
LP62S1664CV-70LLT
44L TSOP
LP62S1664CV-70LLI
44L TSOP
LP62S1664CU-70LLT
48B Mini BGA
LP62S1664CU-70LLI
70
40
5
48B Mini BGA
LLT : for -25
°C ~ 85°C
LLI : for -40
°C ~ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com