Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S1664C Datasheet(PDF) 2 Page - AMIC Technology

Part # LP62S1664C
Description  64K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S1664C Datasheet(HTML) 2 Page - AMIC Technology

  LP62S1664C Datasheet HTML 1Page - AMIC Technology LP62S1664C Datasheet HTML 2Page - AMIC Technology LP62S1664C Datasheet HTML 3Page - AMIC Technology LP62S1664C Datasheet HTML 4Page - AMIC Technology LP62S1664C Datasheet HTML 5Page - AMIC Technology LP62S1664C Datasheet HTML 6Page - AMIC Technology LP62S1664C Datasheet HTML 7Page - AMIC Technology LP62S1664C Datasheet HTML 8Page - AMIC Technology LP62S1664C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP62S1664C Series
Preliminary
64K X 16 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(February, 2002, Version 0.0)
1
AMIC Technology, Inc.
Features
General Description
n Operating voltage: 2.7V to 3.6V
n Access times: 55/70 ns (max.)
n Current:
LP62S1664C-55 series: Operating: 50mA (max.)
Standby:
5
µA (max.)
LP62S1664C-70 series: Operating: 40mA (max.)
Standby:
5
µA (max.)
n Extended operating temperature range : -40
°C to 85°C
for -LLI series
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Data retention voltage: 2V (min.)
n Available in 44-pin TSOP and 48-ball Mini BGA (6X8)
packages.
The LP62S1664C is a low operating current 1,048,576-
bit static random access memory organized as 65,536
words by 16 bits and operates on low power supply
voltage from 2.7V to 3.6V. It is built using AMIC’s high
performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
The chip enable input is provided for POWER-DOWN,
device enable. Two byte enable inputs and an output
enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Product Family
Power Dissipation
Product
Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package
Type
LP62S1664C
-40
°C ~ +85°C 2.7V~3.6V
55ns / 70ns
0.2
µA
0.3
µA
3mA
44L TSOP
48B MBGA
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.
Pin Configuration
n TSOP (Type II)
n Mini BGA (6X8) Top View
1
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
23
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A5
A6
A7
OE
HB
LB
I/O15
I/O14
I/O13
I/O12
VCC
GND
I/O11
I/O10
I/O9
I/O8
17
18
19
20
21
22
24
25
26
27
28
29
WE
A15
A14
A13
A12
NC
NC
A8
A9
A10
A11
NC
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
NC
B
I/O8
HB
A3
A4
CS
I/O0
C
I/O9
I/O10
A5
A6
I/O1
I/O2
D
VSS
I/O11
NC
A7
I/O3
VCC
E
VCC
I/O12
NC
NC
I/O4
VSS
F
I/O14
I/O13
A14
A15
I/O5
I/O6
G
I/O15
NC
A12
A13
WE
I/O7
H
NC
A8
A9
A10
A11
NC
LP62S1664CU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com