Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTXO Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # HTXO
Description  High Temperature Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

HTXO Datasheet(HTML) 1 Page - STATEK CORPORATION

  HTXO Datasheet HTML 1Page - STATEK CORPORATION HTXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
2
4
1
TOP
A
C
B
D
D
E
F
G
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10214 Rev B
DESCRIPTION
Statek’s HTXO crystal oscillator is a 250OC high temperature,
rugged surface-mount oscillator. The design consists of a
high-shock crystal and a high temperature CMOS integrated
circuit housed in a 5.0 mm x 7.5 mm surface-mount ceramic
package.
FEATURES
Manufactured in the U.S.A.
3.3 V and 5.0 V operation
High temperature operation up to 250OC
Excellent stability over temperature
Fast start-up
High shock and vibration resistance
CMOS output
Optional output Enable/Disable
Low EMI emission
Hermetically sealed ceramic package
APPLICATIONS
Industrial
Oil & gas downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
250OC HTXO OSCILLATOR
1.5 MHz to 50 MHz
High Temperature Crystal Oscillator
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.295
7.50
0.302
7.68
B0.197
5.00
0.204
5.18
C*
0.059
1.50
0.065
1.65
D0.055
1.40
-
-
E0.040
1.02
-
-
F0.240
6.10
-
-
G0.100
2.54
-
-
*SM1 (Termination material is Au over Ni over W).
SUGGESTED LAND PATTERN
PACKAGE DIMENSIONS
PIN CONNECTIONS
1. Enable/Disable (T) or not connected (N)
2. Ground
3. Output
4.
VDD
Note: A bypass capacitor 0.1µF needs to be connected as close to the VDD and
ground pins as possible.


Similar Part No. - HTXO

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HTXO EUROQUARTZ-HTXO Datasheet
171Kb / 2P
Temperature Crystal Oscillator
HTXO-225 EUROQUARTZ-HTXO-225 Datasheet
167Kb / 2P
High Temperature Crystal Oscillator 1.5MHz to 50MHz
HTXO-250 EUROQUARTZ-HTXO-250 Datasheet
171Kb / 2P
High Temperature Crystal Oscillator 1.5MHz to 50MHz
More results

Similar Description - HTXO

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
High Temperature Crystal Oscillator
PX-570 VECTRON-PX-570 Datasheet
185Kb / 4P
High Temperature Crystal Oscillator
PX-702 VECTRON-PX-702 Datasheet
231Kb / 4P
High Temperature Crystal Oscillator
TX-402 VECTRON-TX-402 Datasheet
143Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
High Temperature Voltage Control Crystal Oscillator
logo
STATEK CORPORATION
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
logo
EUROQUARTZ limited
HTXO EUROQUARTZ-HTXO Datasheet
171Kb / 2P
Temperature Crystal Oscillator
logo
Microsemi Corporation
TX-402 MICROSEMI-TX-402 Datasheet
684Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
TX-502 MICROSEMI-TX-502 Datasheet
687Kb / 5P
Temperature Compensated Crystal Oscillator High Precision
logo
NIHON DEMPA KOGYO
NT5032BA NDK-NT5032BA_18 Datasheet
710Kb / 1P
High Precision Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com