Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTXO Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # HTXO
Description  High Temperature Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

HTXO Datasheet(HTML) 2 Page - STATEK CORPORATION

  HTXO Datasheet HTML 1Page - STATEK CORPORATION HTXO Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 6.0 V (5V VDD)
Storage Temperature
-55OC to +125OC
HOW TO ORDER HTXO SURFACE MOUNT CRYSTAL OSCILLATORS
HTXO
4
B
S
N
SM5
20.0M ,
/
/
500
/
W
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10214 Rev B
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available, please contact factory.
Supply Voltage1
3.3 V ±5%
5.0 V ±10%
Total Tolerance2
± 500 ppm for 25OCto 250OC
Output Load (CMOS)
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
10 ns MAX
Duty Cycle3
40% MIN, 60% MAX
Shock survival4
Up to 30,000 g, 0.5 ms, ½ sine
Vibration, survival5
20 g, 10-2000 Hz, swept sine
Operating Temp Range6
-55ºC up to 250ºC
1. 30 MHz maximum @ 3.3 V ±5%.
2. Frequency over temperature relative to nominal frequency.
3. 45% MIN, 55% MAX available. Check with factory.
4. 25ºC
5. Per MIL-STD-202G, Method 204D, Condition D, Random vibration testing also available.
6. Expected life at 250OC is a minimum of 1000 hours.
PACKAGING OPTIONS
HTXO
- Tray Pack
- Tape and Reel
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data
sheet # 10109)
Frequency
M = MHz
Termination
Blank = SM1
=Gold Plated (Pb Free)
SM5 = Solder Dipped (Pb Free)
Shock Level
A = 5,000 g
B = 10,000 g
C = 20,000 g
D = 30,000 g
Supply Voltage
4 = 3.3V
5 = 5.0V
Enable/Disable
Option T or N
Blank = Standard
S = Special or
custom
ENABLE/DISABLE OPTIONS (T/N)
Statek offers two enable/disable options: T and N. The T-
version has a Tri-State output and oscillates internally when
the output is put into the high Z state. The N-version does
not have PIN 1 connected internally and has no
enable/disable capability. The following table describes the
Enable/Disable option T.
COMPARISON OF
ENABLE/DISABLE OPTIONS T AND N
TN
When enabled (PIN 1 is low)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is high)
Output
High Z state
N/C
Oscillator
Oscillates
N/C
Current consumption
Lower than normal
N/C
Temp. Range:
Q = 250C to 2250C
W = 250C to 2500C
S = Customer
Specified Temp. Range
Total Frequency
Tolerance (in
ppm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com