Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATHG Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # SQXO2ATHG
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2ATHG Datasheet(HTML) 1 Page - STATEK CORPORATION

  SQXO2ATHG Datasheet HTML 1Page - STATEK CORPORATION SQXO2ATHG Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10215 - Rev B
DESCRIPTION
An increasing number of high temperature applications
require the use of leaded (through hole) packaged oscillators.
For these applications, Statek offers the SQXO2ATHG
oscillator. These oscillators are designed to operate at
temperatures up to 200ºC with high shock survivability.
FEATURES
High temperature operation up to 200ºC
Excellent stability over temperature
High shock resistance
CMOS output
Through-hole leaded package
Reduces mechanical and thermal mounting stresses
Robust TO-39 package
32.768 kHz option available
Low current (500 µA at 25ºC)
Fast start-up (0.8 ms typical)
RoHS compliant
APPLICATIONS
Industrial, Computer & Communications
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
PIN CONNECTIONS
1.
VDD
2. Output
3. Ground
SQXO2ATHG OSCILLATOR
32.768 kHz to 50 MHz
DIM
inches
mm
A0.380 MAX.
9.65 MAX.
B0.185 MAX.
4.70 MAX.
C0.500 MIN.
12.70 MIN.
D0.029
0.74
E0.326 MAX.
8.28 MAX
F0.200 REF.
5.08 REF.
G45O
45O
Note:
1. All metal parts gold plated
2. Leads are 0.019 in.[0.48mm] MAX.
3. Leads are gold plated (SM1 termination)
PACKAGE DIMENSIONS
TOP VIEW


Similar Part No. - SQXO2ATHG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SQXO2ATHG EUROQUARTZ-SQXO2ATHG Datasheet
166Kb / 2P
High Shock Oscillator
More results

Similar Description - SQXO2ATHG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C18ST ETC2-C18ST Datasheet
366Kb / 2P
OSCILLATOR
logo
Ecliptek Corporation
EC36 ECLIPTEK-EC36 Datasheet
208Kb / 3P
OSCILLATOR
EC35 ECLIPTEK-EC35 Datasheet
148Kb / 2P
OSCILLATOR
EC31 ECLIPTEK-EC31 Datasheet
238Kb / 4P
OSCILLATOR
EC20 ECLIPTEK-EC20 Datasheet
221Kb / 3P
OSCILLATOR
EB72F71 ECLIPTEK-EB72F71 Datasheet
105Kb / 2P
OSCILLATOR
EB71F71 ECLIPTEK-EB71F71 Datasheet
107Kb / 2P
OSCILLATOR
EB52F5 ECLIPTEK-EB52F5 Datasheet
155Kb / 2P
OSCILLATOR
EH25 ECLIPTEK-EH25 Datasheet
142Kb / 2P
OSCILLATOR
logo
Jauch Quartz Gmbh
JO32 JAUCH-JO32 Datasheet
530Kb / 2P
Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com