Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQXO2ATHG Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # SQXO2ATHG
Description  OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SQXO2ATHG Datasheet(HTML) 2 Page - STATEK CORPORATION

  SQXO2ATHG Datasheet HTML 1Page - STATEK CORPORATION SQXO2ATHG Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10215 - Rev B
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage1
2.5 V ± 10% (+175OC MAX.)
3.3 V ± 10% (+200OC MAX.)
5.0 V ± 10% (+200OC MAX.)
Calibration Tolerance
± 50 ppm, or tighter as required
Frequency Stability
± 100 ppm for 25OCto 150OC
Over Temperature
± 150 ppm for 25OCto 175OC
± 175 ppm for 25OC to 200OC
Total Tolerance2
± 200 ppm for 25OCto 200OC
Supply Current (Typical)
3.3 V
5.0 V
32.768 kHz 500 µA
-
24 MHz
3.0 mA
8.0 mA
32 MHz
5.0 mA
10.0 mA
50 MHz
6.0 mA
14.0 mA
Start-up Time
5 ms MAX.
Rise/Fall Time
10 ns MAX.
Rise/Fall Time
100 ns MAX. (32.768 kHz)
Duty Cycle
40% MIN., 60% MAX.
Aging, first year
5 ppm MAX. at 25OC
Shock, survival3
8,000 g, .5 ms, 1/2 sine
Vibration survival4
20 g, 10-2,000 Hz swept sine
Operating Temperature5 -55OC up to +200OC
1. All frequencies, voltages, and temperature ranges may not be available. Contact factory.
2. Total Tolerance = Calibration Tolerance + Frequency Stability over temperature.
3. 25OC
4. Per MIL-STD-202G, Method 204D, Condition D, Random vibration testing also available.
5. Expected life at 200ºC is in excess of 1,500 hours.
HOW TO ORDER SQXO2ATHG CRYSTAL OSCILLATORS
SQXO2AT
4
S
HG
4.0M,
/
/
200
/
H
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 4.0 V (3.3V)
-0.5 V to 7.0 V (5V)
Storage Temperature
-55OC to +125OC
Maximum Process Temperature 260OC, 10 seconds
PACKAGING
SQXO2ATHG - Tray Pack (Standard)
ROHS 2 COMPLIANT
SQXO2ATHG - RoHS compliant and compliant with the
pure-tin prohibition requirement.
“S” if special or
custom design.
Blank if Std.
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@ 25OC
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
H = 250C to 2000C
S = Customer
Specified Temp.
Range
Temp. Range:
H = 250C to 2000C
S = Customer
Specified Temp.
Range
OR
50
/
175
/
/
H
HG = High Shock
Supply Voltage
2 = 2.5 V
4 = 3.3 V
5 = 5.0 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com