Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCX1 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # SWCX1
Description  Radiation Resistant, Miniature Surface Mount and Leaded Quartz Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SWCX1 Datasheet(HTML) 1 Page - STATEK CORPORATION

  SWCX1 Datasheet HTML 1Page - STATEK CORPORATION SWCX1 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YS
TEM
CERTIFICA
T
01
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
DESCRIPTION
For applications that require resistance to radiation, Statek
offers our swept quartz AT-cut resonators. Made with cultured
quartz that is electrically "swept" at high temperature to
remove interstitial impurities within the crystalline structure,
these resonators are superior to those utilizing non-swept
quartz in maintaining their frequency and other electrical
characteristics under exposure to radiation levels of 100 krad
(1 kGy) and greater. As Rad-Hard applications typically
require various degrees of high-reliability components,
Statek offers these resonators in three distinct screening
options to meet mission critical program requirements from
Engineering to Flight.
FEATURES
Radiation tolerance up to 100 kRad total dose
High shock and vibration resistance
Ultra high reliability
Custom designs available
Military and space screening avaialble
Low aging
Designed, manufactured and tested in the USA
Critical processes performed in class 10 cleanroom
APPLICATIONS
Military & Aerospace
Satellite
Space exploration systems
Deep space probes
Telemetry
DIMENSIONS
1
Surface Mount
Leaded
SWCX1 SWEPT QUARTZ CRYSTALS
6 MHz to 250 MHz
Radiation Resistant, Miniature Surface Mount
and Leaded Quartz Crystals
PACKAGE DIMENSIONS
TYPICAL
TYPICAL
DIM
inches
mm
inches
mm
A
0.315
8.00
0.315
8.00
B
0.140
3.56
0.140
3.56
C (max)
0.070
1.78
0.070
1.78
D
0.045
1.14
0.310
7.87
E
0.060
1.52
0.020
1.02
F
-
-
0.150
3.81
SWCX1 Leaded
SWCX1 SM
PACKAGING OPTIONS
• Tray Pack (standard for Leaded, option for SM)
• 16mm tape, 7” or 13” reels (only for SM)
Per EIA 481 (see Tape and Reel data sheet 10109)
TERMINATIONS AVAILABLE
SM / LEADED
Designation Termination
SM1
Gold Plated
SM2 / 03
Solder Plated
SM3 / 03
Solder Dipped
SWCX1 10199 - Rev C
Surface
Mount
Leaded
03 Lead dimension
Width = .018” (.46 mm) typical
Thickness = .012” (.30 mm) typical
1. Other package options are available; contact factory


Similar Part No. - SWCX1

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SWCX1 EUROQUARTZ-SWCX1 Datasheet
145Kb / 2P
Radiation-Resistant Miniature Crystals
More results

Similar Description - SWCX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-3X9 ETC1-ECS-3X9 Datasheet
77Kb / 1P
HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
HC49-4H ETC2-HC49-4H Datasheet
53Kb / 2P
SURFACE MOUNT QUARTZ CRYSTALS
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
EUROQUARTZ limited
SWCX1 EUROQUARTZ-SWCX1 Datasheet
145Kb / 2P
Radiation-Resistant Miniature Crystals
logo
List of Unclassifed Man...
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
logo
Mercury United Electron...
X21 MERCURY-X21_17 Datasheet
101Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X22 MERCURY-X22_17 Datasheet
103Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X32 MERCURY-X32_17 Datasheet
104Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X2012 MERCURY-X2012 Datasheet
130Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
X3215 MERCURY-X3215_17 Datasheet
130Kb / 1P
Quartz Crystal [ Surface Mount Crystals ]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com