Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCX1 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # SWCX1
Description  Radiation Resistant, Miniature Surface Mount and Leaded Quartz Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

SWCX1 Datasheet(HTML) 2 Page - STATEK CORPORATION

  SWCX1 Datasheet HTML 1Page - STATEK CORPORATION SWCX1 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER SWCX1 SWEPT CRYSTALS NOTE : Example only. For Specific ordering requirements, call us at ++1 714-639-7810
SWCX1
S
S
C
SM1
–
20.0M
,
100
/
100
/
–
/
I
Frequency
M = MHz
C = Ceramic
Lid
Leaded
03
Surface Mount
SM1
SM2
SM3
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
SWCX1 10199 - Rev C
ELECTRICAL SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
1. For more detailed specifications on crystals, refer to standard crystal datasheets.
2. Higher shock available.
GENERAL SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
SM or Leaded
Frequency
Range
Calibration Tolerance
@ 25°C
Frequency
Temperature Stability
Aging, first year
Shock, survival2
Vibration, survival
Standard CX
data sheet
SWCX1 (SM)
SWCX1 (03)
6.0 MHz to
250 MHz
± 100 ppm, or tighter
as required
Please refer to CX1 AT
data sheet
2 ppm Max
3,000 g peak 0.3 ms,
½ sine
20 g, 10-2,000 Hz
swept sine
10127 CX1 AT/
10107 CX1 SM AT
SM or Leaded
Frequency
Range
Motional Resistance
R1 @ 25°C
Motional Capacitance
C1 @ 25°C
Shunt Capacitance
C0 @ 25°C
Quality Factor
Q @ 25°C
Load Capacitance
CL
Drive Level
SWCX1 (SM)
SWCX1 (03)
6.0 MHz to
250 MHz
25 Ω @ 32 MHz
15 Ω @ 155.2 MHz
6.2 fF @ 32 MHz
4.0 fF @ 155.2 MHz
2.3 pF @ 32 MHz
2.3 pF @ 155.2 MHz
30 k @ 32 MHz
30 k @ 155.2 MHz
20 pF, f ≤ 50 MHz
10 pF, f > 50 MHz
500 µW Max f ≤ 50 MHz
200 µW Max f > 50 MHz
S = special or
custom design.
Blank = standard
STANDARD TESTS & SCREENING OPTIONS
Swept
Quartz
Crystal
Screening per
option code
S = Space
M = Military
E = Engineering
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
OR
—
/
—
/
200
/
I
S
M
E
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
Item
Method
Comments
Made with swept quartz
Internal visual (pre-seal)
Statek internal standard
PIND testing
MIL-STD-883 Method 2020 Condition A
Performed in both the width and thickness
directions.
Radiographic inspection
MIL-STD-202 Method 209
Unwanted modes
MIL-PRF-3098
Spurious-mode ratio 2:1 or greater
Low temperature storage
MIL-PRF-3098
Resistance must meet specification at this low
temperature.
Frequency and resistance over operating
temperature range
MIL-PRF-3098
Measure every 2.5 degree C or tighter over
operating temperature range; frequency and
resistance must meet specification.
Accelerated aging
105 degree C for a minimum of 160 hours
Frequency and resistance must meet
specification after aging; maximum allowed
change in series frequency 5 ppm.
Seal test (fine leak)
MIL-STD-883 Method 1014 Condition A1
Seal test (gross leak)
MIL-STD-883 Method 1014 Condition C
Final electrical test
π-network measurement per IEC 60444
Measure Fs, R1, C1, C0, Q, and FL
External visual (post-seal)
Statek internal standard
Code
S: For space-based applications.
M: For military applications.
E: For engineering prototypes and applications not requiring the additional screening.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com