Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD0900S3C Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACD0900S3C
Description  VHF/UHF CATV/TV Tuner Downconverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900S3C Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACD0900S3C Datasheet HTML 1Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 2Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 3Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPERATING RANGES
PARAMETERS
MIN
TYP
MAX
UNITS
Frequency
RF
LO
IF
900
935
35
-
1200
1350
150
MHz
VDD
4.75
5.0
5.25
Volts
IDD
-110
MA
Case Temperature
- 55
-
85
°C
VHF/UHF CATV/TV Tuner Downconverter
DATA SHEET - Rev . 0
FEATURES
•
Integrated Monolithic Downconverter
•
8 dB Noise Figure
•
10 dB Conversion Gain
•
High Linearity
•
Small Size
•
Low Cost
•
High Reliability
PHASE
8
5
6
7
SPLITTER
OSC
2
3
4
1
MXR
9
12
11
10
15
14
13
16
LOW NOISE
AMP.
IF
1,+5V
GND
N/C
GND
RF
IN
I
SET
GND
N/C
+5V
T
CKT
GND
OSC
OUT
GND
IF
2, + 5V
DESCRIPTION
TheACD0900 MMIC is a high performance downconverter
fabricated entirely in GaAs. It is designed for use as the 2nd
conversion stage in double-conversion tuners and cable
modems, downconverting 900 -1200 MHz RF inputs to a
fixed IF of 35 - 150 MHz (depending on LO frequency).
The IC incorporates a low noise amplifier, high linearity
double balanced mixer, phase splitter and oscillator in a
SOIC 16 lead surface mount package. The high degree of
functionality allows tuner manufactures to reduce size and
cost by lowering the component count and decreasing the
amount of production alignment steps, while significantly
improving performance and reliability.
*V
TCKT : Maximum voltage that may be applied to pin 11 of the
device without damaging the IC. DC blocking capacitor (1500pF)
between pin11 and the external tuning circuit is mandatory.
ABSOLUTE MAXIMUM RATINGS
ACD0900S3C
S3C
16 Pin SOIC Package
PARAMETER
MIN.
MAX.
UNITS
VDD/VIF/VOSC/VLO
-
9
Volts
VRF/VTCKT*
-
0
Volts
Storage Temperature
- 55
200
°C
Soldering Temperature
-
260
°C
Soldering Time
-
5
Sec.
RF Input Power
-
+ 10
dBm
LO Input Power
-
+ 17
dBm
Thermal Resistance
-
25
°C/W
A


Similar Part No. - ACD0900S3C

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD0900S3CTR ANADIGICS-ACD0900S3CTR Datasheet
132Kb / 12P
VHF/UHF CATV/TV Tuner
Rev 2.2
More results

Similar Description - ACD0900S3C

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
VHF/UHF CATV/TV Tuner
Rev 2.2
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com