Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD0900S3C Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACD0900S3C
Description  VHF/UHF CATV/TV Tuner Downconverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900S3C Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACD0900S3C Datasheet HTML 1Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 2Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 3Page - ANADIGICS, Inc ACD0900S3C Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
A
ELECTRICAL SPECIFICATIONS: (Packaged Units, TA = +25°C, VDD = +5V)
1.Combined output ( IF
1 + IF2) using a balun. NOTE: Gain at either port (uncombined), with unused port terminated in
50Ω, is 3 dB lower
2. Two tones @ - 15 dBm per tone
ACD0900S3C
DATA SHEET - Rev. 0
PARAMETER
MIN.
TYP
MAX.
UNITS
Frequencies
RF
LO
IF
-
1170
1245
75
-
MHz
Current
-
80
-
mA
Power Consumption @ 5.0V
-
400
-
mW
Phase Noise @ 10 KHz Offset
-
- 89
- 85.5
dBc/Hz
Noise Figure
-
8.0
9.5
dB
Gain ( 200
Ω Load)1
7.8
9.5
-
dB
3rd Order IMD (200
Ω Load)2
- 59
- 54
dBc
3rd Order Input IP ( 200
Ω Load)2
+ 12
-
-
dBm
Cross Modulation @ 15 KHz, 2
99% AM Modulation
-
- 56
-
dBc
PHASE
8
5
6
7
SPLITTER
OSC
2
3
4
1
MXR
9
12
11
10
15
14
13
16
0.001 µF
LOW NOISE
AMP.
0.001
µF
RF
IN
Vtune
0.01
µF
10K
Ω
39pF
L
5.6
Ω
NC
OSC Output
to Prescalar
3.3pF
2K
Ω
+ 5V
100pF
0.01
µF
NC
1SV245
IF
2
IF
1
0.01
µF
IF
out
+5V
N:1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com