Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33BF70 Datasheet(PDF) 59 Page - Numonyx B.V

Part # JS28F640P33BF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33BF70 Datasheet(HTML) 59 Page - Numonyx B.V

Back Button JS28F640P33BF70 Datasheet HTML 55Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 56Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 57Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 58Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 59Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 60Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 61Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 62Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 63Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
Datasheet
Jul 2011
59
Order Number:208034-04
P33-65nm SBC
16.0
Ordering Information
Note:
The last digit is randomly assigned to cover packing media and/or features or other specific configuration. For
further information on ordering products or for product part numbers, go to:
http://www.micron.com/partscatalog.html?categoryPath=products/nor_flash/parallel_nor_flash
Figure 28: Decoder for P33-65nm (SBC) Products
F 1 2
P 3 3 B
8
S 2
J
8
Product Line Designator
28F = Numonyx® Flash Memory
Package Designator
JS = 56-Lead TSOP, lead-free
RC = 64-Ball Easy BGA, leaded
PC = 64 -Ball Easy BGA, lead-free
Device Density
128 = 128-Mbit
Product Family
P 33 = Numonyx
® Flash Memory (P33)
VCC =2. 3– 3. 6V
VCCQ =2. 3– 3. 6 V
Device Details
65 nm lithography
Parameter Location
B = Bottom Parameter
T = Top Parameter
F
640 = 64 -Mbit
7 0
Speed
60ns
70ns
*
Device Features*
Table 27: Valid Combinations for Discrete Products
64-Mbit
128-Mbit
RC28F640P33TF60*
RC28F128P33TF60*
RC28F640P33BF60*
RC28F128P33BF60*
PC28F640P33TF60*
PC28F128P33TF60*
PC28F640P33BF60*
PC28F128P33BF60*
JS28F640P33TF70*
JS28F128P33TF70*
JS28F640P33BF70*
JS28F128P33BF70*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com