Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640P33BF70 Datasheet(PDF) 29 Page - Numonyx B.V

Part # JS28F640P33BF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P33BF70 Datasheet(HTML) 29 Page - Numonyx B.V

Back Button JS28F640P33BF70 Datasheet HTML 25Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 26Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 27Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 28Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 29Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 30Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 31Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 32Page - Numonyx B.V JS28F640P33BF70 Datasheet HTML 33Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Datasheet
Jul 2011
29
Order Number:208034-04
P33-65nm SBC
10.0
Security
The device features security modes used to protect the information stored in the flash
memory array. The following sections describe each security mode in detail.
10.1
Block Locking
Individual instant block locking is used to protect user code and/or data within the flash
memory array. All blocks power up in a locked state to protect array data from being
altered during power transitions. Any block can be locked or unlocked with no latency.
Locked blocks cannot be programmed or erased; they can only be read.
Software-controlled security is implemented using the Block Lock and Block Unlock
commands. Hardware-controlled security can be implemented using the Block Lock-
Down command along with asserting WP#. Also, VPP data security can be used to
inhibit program and erase operations (see Section 8.6, “Program Protection” on
page 26 and Section 9.5, “Erase Protection” on page 28).
The P33-65nm SBC device also offers four pre-defined areas in the main array that can
be configured as One-Time Programmable (OTP) for the highest level of security. These
include the four 32 KB parameter blocks together as one and the three adjacent 128 KB
main blocks. This is available for top or bottom parameter devices.
10.1.1
Lock Block
To lock a block, issue the Lock Block Setup command. The next command must be the
Lock Block command issued to the desired block’s address (see Section 6.2, “Device
Command Bus Cycles” on page 18 and Figure 35, “Block Lock Operations Flowchart” on
page 78). If the Set Read Configuration Register command is issued after the Block
Lock Setup command, the device configures the RCR instead.
Block lock and unlock operations are not affected by the voltage level on VPP. The block
lock bits may be modified and/or read even if VPP is at or below VPPLK.
10.1.2
Unlock Block
The Unlock Block command is used to unlock blocks (see Section 6.2, “Device
Command Bus Cycles” on page 18). Unlocked blocks can be read, programmed, and
erased. Unlocked blocks return to a locked state when the device is reset or powered
down. If a block is in a lock-down state, WP# must be deasserted before it can be
unlocked (see Figure 7, “Block Locking State Diagram” on page 30).
10.1.3
Lock-Down Block
A locked or unlocked block can be locked-down by writing the Lock-Down Block
command sequence (see Section 6.2, “Device Command Bus Cycles” on page 18).
Blocks in a lock-down state cannot be programmed or erased; they can only be read.
However, unlike locked blocks, their locked state cannot be changed by software
commands alone. A locked-down block can only be unlocked by issuing the Unlock
Block command with WP# deasserted. To return an unlocked block to locked-down
state, a Lock-Down command must be issued prior to changing WP# to VIL. Locked-
down blocks revert to the locked state upon reset or power up the device (see Figure 7,
“Block Locking State Diagram” on page 30).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com