Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3U6TR Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 79Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 80Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 81Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 82Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 83Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 84Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 85Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 86Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 117 page
background image
Unit
Max
Min
Conditions
(1)
Parameter
Symbol
3 x
tMASTER
-
Slave mode
Data output
access time
ta(SO)
(3) (4)
-
25
Slave mode
Data output
disable time
tdis(SO)
(3) (5)
65
(2)
-
Slave mode
(after enable edge)
Data output valid
time
tv(SO)
(3)
30
-
Master mode
(after enable edge)
Data output valid
time
tv(MO)
(3)
-
27
(2)
Slave mode
(after enable edge)
Data output hold
time
th(SO)
(3)
-
11
(2)
Master mode
(after enable edge)
Data output hold
time
th(MO)
(3)
(1) Parameters are given by selecting 10 MHz I/O output frequency.
(2) Data characterization in progress.
(3) Values based on design simulation and/or characterization results, and not tested in
production.
(4) Min time is for the minimum time to drive the output and the max time is for the maximum
time to validate the data.
(5) Min time is for the minimum time to invalidate the output and the max time is for the
maximum time to put the data in Hi-Z.
83/117
DocID15441 Rev 9
Electrical characteristics
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com