Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103F3U6TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM8S103F3U6TR
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103F3U6TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM8S103F3U6TR Datasheet HTML 22Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 23Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 24Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 25Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 26Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 27Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 28Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 29Page - STMicroelectronics STM8S103F3U6TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 117 page
background image
Alternate function
after remap [option
bit]
Default
alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin name
Pin no.
PP
OD
Speed
High sink
(1)
Ext.
interr.
wpu
floating
UFQFPN20
TSSOP/SO20
Analog input 6/
UART1 data
receive
Port D6
X
X
O3
HS
X
X
X
I/O
PD6/ AIN6/
UART1 _RX
20
3
Reset
X
I/O
NRST
1
4
Resonator/
crystal in
Port A1
X
X
O1
X
X
X
I/O
PA1/ OSCIN
(2)
2
5
Resonator/
crystal out
Port A2
X
X
O1
X
X
X
I/O
PA2/ OSCOUT
3
6
Digital ground
S
VSS
4
7
1.8 V regulator capacitor
S
VCAP
5
8
Digital power supply
S
VDD
6
9
SPI master/ slave
select [AFR1]
Timer 2
channel 3
Port A3
X
X
O3
HS
X
X
X
I/O
PA3/ TIM2_ CH3
[SPI_ NSS]
7
10
Timer 1 - break
input [AFR4]
I
2
C data
Port B5
T
(3)
O1
X
X
I/O
PB5/ I
2
C_ SDA
[TIM1_ BKIN]
8
11
ADC external
trigger [AFR4]
I
2
C clock
Port B4
T
(3)
O1
X
X
I/O
PB4/ I
2
C_ SCL
9
12
Top level interrupt
[AFR3] Timer 1 -
Timer 1 -
channel 3
Port C3
X
X
O3
HS
X
X
X
I/O
PC3/ TIM1_CH3
[TLI] [TIM1_
CH1N]
10
13
inverted channel 1
[AFR7]
Timer 1 - inverted
channel 2 [AFR7]
Configurable
clock
output/Timer 1
Port C4
X
X
O3
HS
X
X
X
I/O
PC4/ CLK_CCO/
TIM1_
CH4/AIN2/[TIM1_
CH2N]
11
14
- channel
4/Analog input
2
Timer 2 - channel 1
[AFR0]
SPI clock
Port C5
X
X
O3
HS
X
X
X
I/O
PC5/ SPI_SCK
[TIM2_ CH1]
12
15
Timer 1 - channel 1
[AFR0]
SPI master
out/slave in
Port C6
X
X
O3
HS
X
X
X
I/O
PC6/ SPI_MOSI
[TIM1_ CH1]
13
16
Timer 1 - channel 2
[AFR0]
SPI master in/
slave out
Port C7
X
X
O3
HS
X
X
X
I/O
PC7/ SPI_MISO
[TIM1_ CH2]
14
17
SWIM data
interface
Port D1
X
X
O4
HS
X
X
X
I/O
PD1/ SWIM
15
18
Timer 2 - channel 3
[AFR1]
Analog input 3
Port D2
X
X
O3
HS
X
X
X
I/O
PD2/AIN3/[TIM2_
CH3]
16
19
Analog input 4/
Timer 2 -
Port D3
X
X
O3
HS
X
X
X
I/O
PD3/ AIN4/ TIM2_
CH2/ ADC_ ETR
17
20
channel 2/ADC
external trigger
(1)
I/O pins used simultaneously for high current source/sink must be uniformly spaced around the package. In addition, the total driven current must respect the absolute
maximum ratings.
(2)
When the MCU is in halt/active-halt mode, PA1 is automatically configured in input weak pull-up and cannot be used for waking up the device. In this mode, the output
state of PA1 is not driven. It is recommended to use PA1 only in input mode if halt/active-halt is used in the application.
(3)
In the open-drain output column, "T" defines a true open-drain I/O (P-buffer, weak pull-up, and protection diode to VDD are not implemented).
DocID15441 Rev 9
26/117
STM8S103K3 STM8S103F3 STM8S103F2
Pinout and pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com