Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IG Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F217IG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 67Page - STMicroelectronics STM32F217IG Datasheet HTML 68Page - STMicroelectronics STM32F217IG Datasheet HTML 69Page - STMicroelectronics STM32F217IG Datasheet HTML 70Page - STMicroelectronics STM32F217IG Datasheet HTML 71Page - STMicroelectronics STM32F217IG Datasheet HTML 72Page - STMicroelectronics STM32F217IG Datasheet HTML 73Page - STMicroelectronics STM32F217IG Datasheet HTML 74Page - STMicroelectronics STM32F217IG Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 173 page
background image
STM32F21xxx
Electrical characteristics
Doc ID 17050 Rev 8
71/173
Figure 20.
Typical current consumption vs temperature, Run mode, code with data
processing running from RAM, and peripherals ON
Figure 21.
Typical current consumption vs temperature, Run mode, code with data
processing running from RAM, and peripherals OFF
MS19014V1
0
10
20
30
40
50
60
0
20406080
100
120
CPU frequnecy (MHz)
105°C
85°C
70°C
55°C
30°C
0°C
-45°C
MS19015V1
0
5
10
15
20
25
30
0
20
40
60
80
100
120
CPU Frequency (MHz)
105°C
85°C
70°C
55°C
30°C
0°C
-45°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com