Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IG Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM32F217IG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 45Page - STMicroelectronics STM32F217IG Datasheet HTML 46Page - STMicroelectronics STM32F217IG Datasheet HTML 47Page - STMicroelectronics STM32F217IG Datasheet HTML 48Page - STMicroelectronics STM32F217IG Datasheet HTML 49Page - STMicroelectronics STM32F217IG Datasheet HTML 50Page - STMicroelectronics STM32F217IG Datasheet HTML 51Page - STMicroelectronics STM32F217IG Datasheet HTML 52Page - STMicroelectronics STM32F217IG Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
STM32F21xxx
Pinouts and pin description
Doc ID 17050 Rev 8
49/173
59 93 137 165 B5
PB7
I/O FT
PB7
I2C1_SDA / FSMC_NL(8) /
DCMI_VSYNC /
USART1_RX/ TIM4_CH2/
EVENTOUT
60 94 138 166 D6
BOOT0
I
BOOT0
VPP
61 95 139 167 A5
PB8
I/O FT
PB8
TIM4_CH3/SDIO_D4/
TIM10_CH1 / DCMI_D6 /
ETH_MII_TXD3 / I2C1_SCL/
CAN1_RX/ EVENTOUT
62 96 140 168 B4
PB9
I/O FT
PB9
SPI2_NSS/ I2S2_WS
/
TIM4_CH4/ TIM11_CH1/
SDIO_D5 / DCMI_D7 /
I2C1_SDA / CAN1_TX/
EVENTOUT
-
97 141 169 A4
PE0
I/O FT
PE0
TIM4_ETR / FSMC_NBL0 /
DCMI_D2/ EVENTOUT
-
98 142 170 A3
PE1
I/O FT
PE1
FSMC_NBL1 / DCMI_D3/
EVENTOUT
--
-
-
D5
VSS
SVSS
63
-
-
-
-
VSS_3
SVSS_3
-
99 143 171 C6
RFU(9)
64 100 144 172 C5
VDD_3
SVDD_3
-
-
- 173 D4
PI4
I/O FT
PI4
TIM8_BKIN / DCMI_D5/
EVENTOUT
-
-
- 174 C4
PI5
I/O FT
PI5
TIM8_CH1 / DCMI_VSYNC/
EVENTOUT
-
-
- 175 C3
PI6
I/O FT
PI6
TIM8_CH2 / DCMI_D6/
EVENTOUT
-
-
- 176 C2
PI7
I/O FT
PI7
TIM8_CH3 / DCMI_D7/
EVENTOUT
1.
I = input, O = output, S = supply, HiZ = high impedance.
2.
FT = 5 V tolerant; TT = 3.6 V tolerant.
3.
Function availability depends on the chosen device.
4.
PC13, PC14, PC15 and PI8 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 and PI8 in output mode is limited: the speed should not exceed 2 MHz with a
maximum load of 30 pF and these I/Os must not be used as a current source (e.g. to drive an LED).
5.
Main function after the first backup domain power-up. Later on, it depends on the contents of the RTC registers even after
reset (because these registers are not reset by the main reset). For details on how to manage these I/Os, refer to the RTC
register description sections in the STM32F20x and STM32F21x reference manual, available from the STMicroelectronics
website: www.st.com.
6.
FT = 5 V tolerant except when in analog mode or oscillator mode (for PC14, PC15, PH0 and PH1).
Table 5.
STM32F21x pin and ball definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions
Other
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com