Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F217IG Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32F217IG
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F217IG Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32F217IG Datasheet HTML 164Page - STMicroelectronics STM32F217IG Datasheet HTML 165Page - STMicroelectronics STM32F217IG Datasheet HTML 166Page - STMicroelectronics STM32F217IG Datasheet HTML 167Page - STMicroelectronics STM32F217IG Datasheet HTML 168Page - STMicroelectronics STM32F217IG Datasheet HTML 169Page - STMicroelectronics STM32F217IG Datasheet HTML 170Page - STMicroelectronics STM32F217IG Datasheet HTML 171Page - STMicroelectronics STM32F217IG Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 173 page
background image
Revision history
STM32F21xxx
168/173
Doc ID 17050 Rev 8
20-Dec-2011
6
Updated SDIO register addresses in Figure 13: Memory map.
Updated Figure 3: Compatible board design between STM32F10xx
and STM32F2xx for LQFP144 package, Figure 2: Compatible board
design between STM32F10xx and STM32F2xx for LQFP100 package,
Figure 1: Compatible board design between STM32F10xx and
STM32F2xx for LQFP64 package, and added Figure 4: Compatible
board design between STM32F10xx and STM32F2xx for LQFP176
package.
Updated Section 2.2.3: Memory protection unit.
Updated Section 2.2.6: Embedded SRAM.
Updated Section 2.2.28: Universal serial bus on-the-go full-speed
(OTG_FS) to remove external FS OTG PHY support.
In Table 5: STM32F21x pin and ball definitions: changed SPI2_MCK
and SPI3_MCK to I2S2_MCK and I2S3_MCK, respectively. Added
ETH _RMII_TX_EN alternate function to PG11. Added EVENTOUT in
the list of alternate functions for I/O pin/balls. Removed
OTG_FS_SDA, OTG_FS_SCL and OTG_FS_INTN alternate
functions.
In Table 7: Alternate function mapping: changed I2S3_SCK to
I2S3_MCK for PC7/AF6, added FSMC_NCE3 for PG9, FSMC_NE3 for
PG10, and FSMC_NCE2 for PD7. Removed OTG_FS_SDA,
OTG_FS_SCL and OTG_FS_INTN alternate functions. Updated
peripherals corresponding to AF12.
Removed CEXT and ESR from Table 11: General operating
conditions.
Added maximum power consumption at TA=25 °C in Table 20: Typical
and maximum current consumptions in Stop mode.
Added CRYPTO, RNG, and HASH consumption in Table 23:
Peripheral current consumption.
Updated md minimum value in Table 33: SSCG parameters constraint.
Added examples in Section 5.3.11: PLL spread spectrum clock
generation (SSCG) characteristics.
Updated Table 51: SPI characteristics and Table 52: I2S
characteristics.
Updated Figure 44: ULPI timing diagram and Table 58: ULPI timing.
Updated Table 60: Dynamics characteristics: Ethernet MAC signals for
SMI, Table 61: Dynamics characteristics: Ethernet MAC signals for
RMII, and Table 62: Dynamics characteristics: Ethernet MAC signals
for MII.
Updated maximum fS values in Table 63: ADC characteristics.
Section 5.3.25: FSMC characteristics: updated Table 69 toTable 80,
changed CL value to 30 pF, and modified FSMC configuration for
asynchronous timings and waveforms. Updated Figure 58:
Synchronous multiplexed PSRAM write timings.
UpdatedTable 81: DCMI characteristics.
Updated Table 88: UFBGA176+25 - ultra thin fine pitch ball grid array
10 × 10 × 0.6 mm mechanical data.
Table 92.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com