Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1NF20 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN1NF20
Description  N-channel 200 V, 1.1 ohm, 1 A SOT-223
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NF20 Datasheet(HTML) 3 Page - STMicroelectronics

  STN1NF20 Datasheet HTML 1Page - STMicroelectronics STN1NF20 Datasheet HTML 2Page - STMicroelectronics STN1NF20 Datasheet HTML 3Page - STMicroelectronics STN1NF20 Datasheet HTML 4Page - STMicroelectronics STN1NF20 Datasheet HTML 5Page - STMicroelectronics STN1NF20 Datasheet HTML 6Page - STMicroelectronics STN1NF20 Datasheet HTML 7Page - STMicroelectronics STN1NF20 Datasheet HTML 8Page - STMicroelectronics STN1NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STN1NF20
Electrical ratings
Doc ID 022321 Rev 1
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 20
V
ID
Drain current continuous Tamb = 25 °C
1
A
ID
Drain current continuous Tamb = 100 °C
1
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current pulsed
4
A
PTOT
Total dissipation at Tamb = 25 °C
2
W
dv/dt (2)
2.
Isd
≤1 A, di/dt ≤200 A/µs, VDD ≤80% V(BR)DSS.
Peak diode recovery voltage slope
10
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal resistance junction to ambient
62.50
°C/W
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetetive or not repetetive(1)
1.
Pulse width limited by TJMAX.
1A
EAS
Single pulse avalanche energy (2)
2.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V.
70
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com