Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1NF20
Description  N-channel 200 V, 1.1 ohm, 1 A SOT-223
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1NF20 Datasheet HTML 1Page - STMicroelectronics STN1NF20 Datasheet HTML 2Page - STMicroelectronics STN1NF20 Datasheet HTML 3Page - STMicroelectronics STN1NF20 Datasheet HTML 4Page - STMicroelectronics STN1NF20 Datasheet HTML 5Page - STMicroelectronics STN1NF20 Datasheet HTML 6Page - STMicroelectronics STN1NF20 Datasheet HTML 7Page - STMicroelectronics STN1NF20 Datasheet HTML 8Page - STMicroelectronics STN1NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2011
Doc ID 022321 Rev 1
1/12
12
STN1NF20
N-channel 200 V, 1.1
Ω, 1 A SOT-223
STripFET™ II Power MOSFET
Features
100% avalanche tested
Low gate charge
Exceptional dv/dt capability
Applications
Switching applications
Description
This Power MOSFET has been developed using
STMicroelectronics’ unique STripFET™ process,
which is specifically designed to minimize input
capacitance and gate charge. This renders the
device suitable for use as primary switch in
advanced high-efficiency isolated DC-DC
converters for telecom and computer applications,
and applications with low gate charge driving
requirements.
Figure 1.
Internal schematic diagram
Order code
VDSS
RDS(on) max
ID
STN1NF20
200 V
< 1.5
Ω
1 A
SOT-223
1
2
4
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STN1NF20
1NF20
SOT-223
Tape and reel
www.st.com


Similar Part No. - STN1NF20

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN1NF20 VBSEMI-STN1NF20 Datasheet
1Mb / 8P
N-Channel 200 V (D-S) MOSFET
More results

Similar Description - STN1NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
Nov-1999
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN3NE06L STMICROELECTRONICS-STN3NE06L Datasheet
64Kb / 5P
N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Aug-1998
STN2NE10L STMICROELECTRONICS-STN2NE10L_07 Datasheet
235Kb / 12P
N-channel 100V - 0.33??-2A - SOT-223
01-Feb-2007
STN4NF20L STMICROELECTRONICS-STN4NF20L Datasheet
611Kb / 12P
N-channel 200 V, 1.1 Ω, 1 A SOT-223 low gate charge STripFET™II Power MOSFET
11-Oct-2010
logo
Fairchild Semiconductor
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
logo
STMicroelectronics
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20_V01 Datasheet
515Kb / 12P
N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
27-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com