Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTB3006P Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTB3006P
Description  TURBOSWITCH E B. ULTRA-FAST HIGH VOLTAGE DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTB3006P Datasheet(HTML) 4 Page - STMicroelectronics

  STTB3006P Datasheet HTML 1Page - STMicroelectronics STTB3006P Datasheet HTML 2Page - STMicroelectronics STTB3006P Datasheet HTML 3Page - STMicroelectronics STTB3006P Datasheet HTML 4Page - STMicroelectronics STTB3006P Datasheet HTML 5Page - STMicroelectronics STTB3006P Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Turn-off losses :
P3 =
VR
× IRM 2 × S × F
6
x dIF
⁄ dt
Turn-off losses :
(with non negligible serial inductance)
P3’ =
VR
× IRM 2 × S × F
6
xdIF
⁄ dt
+
L
× IRM 2 × F
2
P3 and P3’ are suitable for power MOSFET and
IGBT
I
I F
Rd
I R
V R
VtO
V F
V
Fig. 5: STATIC CHARACTERISTICS
dI
F /dt = VR /L
dI /dt
R
tb
ta
I
RM
I
RM
V
R
V
R
I
V
t
S = tb/ta
trr = ta + tb
S = tb/ta
trr = ta + tb
dI /dt
F
dI /dt
R
tb
ta
I
V
t
FREEWHEELING
OPERATION
RECTIFIER
OPERATION
Fig. 6: TURN-OFF CHARACTERISTICS
I F
V F
V Fp
1.1V F
V F
F
dI /dt
0
0t
t
I Fmax
tfr
Fig. 7: TURN-ON CHARACTERISTICS
Conduction losses :
P1 = Vt0 .IF(AV) +Rd .IF2(RMS)
with
Vt0 = 1.00 V
Rd = 0.010 Ohm
(Max values at 125
°C)
Reverse losses :
P2 = VR .IR .(1 -
δ)
Turn-on losses :
P4 = 0.4 (VFP -VF). IFmax .tfr .F
APPLICATION DATA (Cont’d)
®
STTB3006P(I)
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com