Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTB3006P Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTB3006P
Description  TURBOSWITCH E B. ULTRA-FAST HIGH VOLTAGE DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTB3006P Datasheet(HTML) 5 Page - STMicroelectronics

  STTB3006P Datasheet HTML 1Page - STMicroelectronics STTB3006P Datasheet HTML 2Page - STMicroelectronics STTB3006P Datasheet HTML 3Page - STMicroelectronics STTB3006P Datasheet HTML 4Page - STMicroelectronics STTB3006P Datasheet HTML 5Page - STMicroelectronics STTB3006P Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE DATA
SOD93 Plastic
A
M
N
E
I
P
G
H
J
F
B
C
L
Cooling method : C.
Marking : Type number.
Weight : 5.2 g.
Recommended torque value : 0.8m.N.
Maximum torque value : 1.0 m.N.
REF.
DIMENSIONS
Millimeters
Inches
Min. Max.
Min. Max.
A
14.7
15.2
0.578
0.596
B
16.2
0.637
C
31 typ
1.220 typ
D
18 typ
0.708 typ
E
12.2
0.480
G
3.95
4.15
0.155
0.163
H
4.7
4.9
0.185
0.193
I
4
4.1
0.157
0.161
J
1.9
2.1
0.062
0.075
L
0.5
0.78
0.019
0.030
M
2.5 typ
0.098 typ
N
10.8
11.1
0.425
0.437
P
1.1
1.3
0.043
0.051
PACKAGE DATA
DOP3I ISOLATED Plastic
H
R4.6
G
C
A
I
D
B
P
N
L
M
J
Cooling method : C.
Marking : Type number.
Weight : 4.6 g.
Recommended torque value : 0.8 m.N.
Maximum torque value : 1.0 m.N.
Electrical isolation : 2500VRMS
Capacitance :12 pF
REF.
DIMENSIONS
Millimeters
Inches
Min. Max.
Min. Max.
A
15.10
15.50
0.594
0.611
B
20.70
21.10
0.814
0.831
C
14.30
15.60
0.561
0.615
D
16.10
16.50
0.632
0.650
G
3.40
-
0.133
-
H
4.40
4.60
O.173
0.182
I
4.08
4.17
0.161
0.164
J
1.45
1.55
0.057
0.062
L
0.50
0.70
0.019
0.028
M
2.70
2.90
0.106
0.115
N
10.80
11.30
0.42
0.45
P
1.20
1.40
0.047
0.056
®
STTB3006P(I)
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com