Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH4L06RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH4L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4L06RL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH4L06RL Datasheet HTML 1Page - STMicroelectronics STTH4L06RL Datasheet HTML 2Page - STMicroelectronics STTH4L06RL Datasheet HTML 3Page - STMicroelectronics STTH4L06RL Datasheet HTML 4Page - STMicroelectronics STTH4L06RL Datasheet HTML 5Page - STMicroelectronics STTH4L06RL Datasheet HTML 6Page - STMicroelectronics STTH4L06RL Datasheet HTML 7Page - STMicroelectronics STTH4L06RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
September 2009
Doc ID 16276 Rev 1
1/8
8
STTH4L06
Turbo 2 ultrafast high voltage rectifier
Features
■ Ultrafast switching
■ Low forward voltage drop
■ Low leakage current (platinum doping)
■ High operating junction temperature
Description
The STTH4L06, which uses ST Turbo 2 600 V
technology, is specially suited as boost diode in
discontinuous or critical mode power factor
corrections.
Packaged in DO-201AD and DO-15, this device is
intended for use as a free wheeling diode in
power supplies and other power switching
applications.
Table 1.
Device summary
IF(AV)
4 A
VRRM
600 V
Tj
175 °C
VF (typ)
0.9 V
trr (typ)
40 ns
K
A
DO-201AD
STTH4L06
DO-15
STTH4L06Q
K
A
K
A
Band indicates cathode
www.st.com


Similar Part No. - STTH4L06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
STTH40200CHY1 STMICROELECTRONICS-STTH40200CHY1 Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
STTH40200CHYG STMICROELECTRONICS-STTH40200CHYG Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
STTH40200CHYT STMICROELECTRONICS-STTH40200CHYT Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
STTH40P03S STMICROELECTRONICS-STTH40P03S Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
More results

Similar Description - STTH4L06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com