Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101ACD Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSM101ACD
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101ACD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSM101ACD Datasheet HTML 2Page - STMicroelectronics TSM101ACD Datasheet HTML 3Page - STMicroelectronics TSM101ACD Datasheet HTML 4Page - STMicroelectronics TSM101ACD Datasheet HTML 5Page - STMicroelectronics TSM101ACD Datasheet HTML 6Page - STMicroelectronics TSM101ACD Datasheet HTML 7Page - STMicroelectronics TSM101ACD Datasheet HTML 8Page - STMicroelectronics TSM101ACD Datasheet HTML 9Page - STMicroelectronics TSM101ACD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TSM101/A
6/13
Figure 2 : SMPS Using a TL431 as Voltage Controller
The optocoupler current increases and tends to
reduce the output voltage by the way of the PWM
controller.
By enabling the TSM101 current source (pin 2) it
is possible to offset the current sensing by a volt-
age equal to :
Voff # R4 * Io with Io = 1.4mA
This offset lowers the output charge current and
this function can be used to charge two types of
batteries having different capacities. The current
source is enabled by connecting pin 2 to ground
3 - CALCULATION OF THE ELEMENTS
The charge current is regulated at 700mA (if the
charge control input is left open) or 200mA (if the
charge control input is put to ground ), allowing the
charge of two different types of batteries.
3.1 - Voltage limitation
The end-of- charge voltage is limited at 1.45V/cell,
this is the recommended voltage for an ambient
temperature at 25oC.
A diode is generally inserted at the output of the
charger to avoid the discharge of the battery if the
charger is not powered. This diode is sometimes
directly integrated in the battery pack. The influ-
ence of this diode on the charge is negligible if the
voltage drop (0.7V) is taken into account during
the design of the charger.
The voltage at the output of the charger is :
• V
out =
and regarding R6 and R7 :
• R6=
P1, which is a part of R6 and R7 is not considered
in this equation.
The following values are used on the application
board :
• R7 = 12kΩ
• R6 = 1kΩ
• P1 = 220Ω, adjust for V
output = 15.2V with the
battery replaced by a 1k
Ω resistor
• R10 = short circuit
• C3 = 100nF
3.2 - Current regulation
R5 is the sense resistor used for current measure-
ment.
The current regulation is effective when the volt-
age drop across R5 is equal to the voltage on pin
5 of the TSM101 (assuming that the internal cur-
rent source is disabled).
For medium currents (<1A), a voltage drop across
R5 of 200mV = Vr5 is a good value, R5 can be re-
alized with standard low cost 0.5W resistors in
parallel.
• R5 =
, R5 = 0.285
Ω (four 1.2Ω resistor in
parallel)
R2 and R3 can be chosen using the following for-
mula :
• R2 =
CHARGE CONTROL
If the pin 2 is left open, the charge current is nom-
inal at # 700mA.
R6
R 7
+
R6
----------------------
V
r
×
Vref
Vout
Vref
--------------------------------

 R7
×
Vr5
Ich
----------
R3
Vref
Vr5
Vr5
----------------------------


×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com