Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM101ACD Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM101ACD
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM101ACD Datasheet(HTML) 5 Page - STMicroelectronics

  TSM101ACD Datasheet HTML 1Page - STMicroelectronics TSM101ACD Datasheet HTML 2Page - STMicroelectronics TSM101ACD Datasheet HTML 3Page - STMicroelectronics TSM101ACD Datasheet HTML 4Page - STMicroelectronics TSM101ACD Datasheet HTML 5Page - STMicroelectronics TSM101ACD Datasheet HTML 6Page - STMicroelectronics TSM101ACD Datasheet HTML 7Page - STMicroelectronics TSM101ACD Datasheet HTML 8Page - STMicroelectronics TSM101ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
This technical note shows how to use the TSM101
integrated circuit with a switching mode power
supply (SMPS) to realize a battery charger.
An example of realization of a 12V Nickel-cadmi-
um battery charger is given.
1 - TSM101 PRESENTATION
The TSM101 integrated circuit incorporates a high
stability series band gap voltage reference, two
ORed operational amplifiers and a current source
(Figure 1)
Figure 1 : TSM101 Schematic Diagram
This IC compares the DC voltage and the current
level at the output of a switching power supply to
an internal reference.It provides a feedback
through an optocoupler to the PWM controller IC
in the primary side.
The controlled current generator can be used to
modify the level of current limitation by offsetting
the information coming from the current sensing
resistor.
A great majority of low or medium end power sup-
plies is voltage regulated by using shunt program-
mable voltage references like the TL431
(Figure 2).
The galvanic insulation of the control information
is done by using an opto-coupler in linear mode
with a variable photo current depending on the dif-
ference between the actual output voltage and the
desired one.
A current limitation is used to protect the power
supply against short circuits, but lacks precision.
This limitation is generally realized by sensing the
current of the power transistor, in the primary side
of the SMPS.
The role of the TSM101 is to make a fine regula-
tion of the output current of the SMPS and a pre-
cise voltage limitation.
The primary current limitation is conserved and
acts as a security for a fail-safe operation if a
short-circuit occurs at the output of the charger.
2 - PRINCIPLE OF OPERATION
The current regulation loop and the voltage limita-
tion loop use an internal 1.24V band-gap voltage
reference. This voltage reference has a good pre-
cision (better than 1.5%) and exhibits a very stable
temperature behavior.
The current limitation is performed by sensing the
voltage across the low ohmic value resistor R5
and comparing it to a fixed value set by the bridge
composed by R2 and R3 (Figure 3).
When the voltage on R5 is higher than the voltage
on R3 the output of the current loop operational
amplifier decreases. The optocoupler current in-
creases and tends to reduce the output voltage by
the way of the PWM controller.
The voltage regulation is done by comparing a
part of the output voltage (resistor bridge R6, R7
and P1) to the voltage reference (1.24V).
If this part is higher than 1.24V, the output of the
voltage loop operational amplifier decreases.
1
2
3
4
8
5
6
7
Vref
APPLICATION NOTE
A BATTERY CHARGER USING THE TSM101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com