Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6155 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATCA-R6155
Description  Single AMC.0 Mid-size bay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6155 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATCA-R6155 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6155 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual Quad-Core Intel® Xeon® L5518/L5638/E5645 Processor
AdvancedTCA® Processor Blade with 10GbE Fabric Interface
Functional Diagram
Mechanical Layout
Serial (RJ45)
Six DDR3-1333
RDIMM sockets
Zone 2 – Base Interface: 2x GbE
Fabric Interface: 2x 10GbE
Zone 1 – Power / IPMI
Optional AMC or on-board HDD
Two Intel® Xeon™ L5638/L5618/L5518
VGA (DB-15)
Out of Service User
Reset
Hot Swap
Media
USB 2.0 (Type-A)
GbE (RJ45)
Z
O
N
E
3
DDR3-1333 RDIMM
Intel® Xeon®
L5518/L5638/E5645
CPU
Intel®
ICH10R
82576EB
Z
O
N
E
2
F
R
O
N
T
P
A
N
E
L
ATI
ES1000
2.5" HDD
4GB NAND Flash
BIOS
BIOS
TPM
Z
O
N
E
1
DDR3-1333 RDIMM
DDR3-1333 RDIMM
DDR3-1333 RDIMM
DDR3-1333 RDIMM
DDR3-1333 RDIMM
Copper
SerDes
COM3
COM2
LPC
LPC
IPMB 0/1
COM1
USB4
SATA
USB1/2/3
RGB
PCI 32bit/33Mhz
SAS 0
PCI-E x4
QPI
QPI
SAS 1/2/3 to RTM
GbE 1/2 to Front Panel
AMC.2 E2
SATA x4,
USB5/6/7/8
SAS x3, SATA x4, USB5/6/7/8,
COM3, PCI-E x4, SerDes x2
FCH1/2
AMC.2 T4
PCI-E x4
Mid-Size
AMC
USB Header
USB9
82576EB
Copper
SerDes
PCI-E x4
BCH 1/2
UCH 1/2 SerDes
USB Header
USB10
COM4
Telecom Clock
RTM
RTM
PCI-E x4
Copper
PCI-E x4
To RTM
To RTM
82576EB
Intel® 5520
IOH
FRC
Port0
Port1
Port2
Port3
C
H
1
/
C
H
2
AMC.2 E2
AMC.2 T4
AMC.2 T4
PCI-E x8
IPMC
BMR-H8S
Super
I/O
Static
Switch
SerDes
SAS1064E
Intel® Xeon®
L5518/L5638/E5645
CPU
Intel®
Intel®
Intel®
1-14
7
2
1
3
4
5
6
9
8
Front Panel LED Indicators and Reset
Front Panel I/O Interfaces



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com