Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6155 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-R6155
Description  Single AMC.0 Mid-size bay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6155 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-R6155 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6155 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/AdvancedTCA/
Specifications
CPU / Chipset / Memory
CPU
Two Intel® Xeon® L5638 (6C/12T) 2.0 GHz, QPI 5.86 GT/s,
12 MB L3 Cache
Two Intel® Xeon® L5518 (4C/8T) 2.13GHz, QPI 5.86 GT/s,
8 MB L2 Cache (LGA1366)
Single Intel® Xeon® E5645(6C/12T) 2.4 GHz, QPI 5.86 GT/s,
12 MB L3 Cache
Chipset
Intel® 5520/ICH10R chipset
Memory
Six DDR3-1066/DDR3-1333* 240-pin RDIMM sockets,
up to 48 GB *DDR3-1333 is supported by Intel 5600 series
CPU only
BIOS
Chip
AMIBIOS®8 on SPI flash memory
Features
Intel® PXE pre-boot
Remote Console
I/O Interfaces
Graphics
ATI ES1000 with 64 MB VRAM, up to UXGA 1600 x 1200
resolution
AdvancedMC
One AMC.0 Mid-size bay: AMC.1 Type 4,
(optional)
AMC.2 E2 / Type 4 to Fabric, AMC.3 S2
Ethernet
Dual 10/100/1000BASE-T Base Interface channels
Dual 10GBASE-KX4 Fabric Interface channels
Dual 10/100/1000BASE-T Egress ports
Storage
On-board 2.5” SATA 3 Gb/s HDD (optional)
On-board bootable 4 GB USB NAND flash
Dual AMC.3 SATA 3 Gb/s ports (Port2) (optional)
Dual AMC.3 SAS ports (Port3) (optional)
USB
Three USB 2.0 ports on front panel
Front Panel I/O
AMC (optional), VGA, USB1/2/3, LAN1/2, COM1
PICMG Standards
AdvancedTCA
PICMG® 3.0 R2.0 ECN002
PICMG® 3.1 Ethernet Over PICMG® 3.0 R1.0 , Option 1/9
AdvancedMC
PICMG® AMC.0: AdvancedMC™ Card Specification R2.0
PICMG® AMC.1: PCI Express and Advanced Switching R1.0
PICMG® AMC.2: Gigabit Ethernet R1.0
PICMG® AMC.3: Storage Interfaces R1.0
Other Features
Operating System
Windows® Server 2008, Windows® Server 2003, Red Hat
Enterprise Linux 5.3
Mechanical and Environmental
Form Factor
PICMG® 3.0 R2.0 ECN002 AdvancedTCA®
Dimensions
322.25mm x 280mm x 6HP (L x W x H)
Weight
4.1 kg / 9 lbs
Operating Temp.
0°C to 50°C
Storage Temp.
-40°C to 70°C
Humidity
5% to 95%, non-condensing
Shock
20G peak-to-peak, 11ms duration, non-operation
Vibration
Non-operation: 1.88Grms, 5-500Hz each axis
Operation: 0.5Grms, 5-500Hz each axis
Power Consumption
200W
Certification
FCC, CE, UL, NEBS Level 3 (design)
Dual Quad-Core Intel® Xeon® L5518/L5638/E5645 Processor
AdvancedTCA® Processor Blade with 10GbE Fabric Interface
aTCA-6105A/6155A Series
Features
Two Quad-Core Intel® Xeon® L5518/L5638/E5645
processors
Six memory sockets support DDR3-1066/
DDR3-1333* REG/ECC up to 48 GB maximum
capacity (*DDR3-1333 is supported by Intel®
5600 series CPU only)
Intel® 82599 10GbE controller provides two
10GBASE-KX4 ports on Fabric Interface
Intel® Hyper-Threading Technology support for
multi-threaded software applications
Single AMC.0 Mid-size bay (optional)
Ordering Information
Model Number
Description/Configuration
aTCA-6105A/S5518/M4G
Single L5518 Quad-Core 2.13GHz Xeon 10GbE
processor blade, DDR3 RDIMM 4GB x1, AMC bay
aTCA-6155A/S5638/M12G Single L5638 Six-Core 2.0GHz Xeon 10GbE
processor blade, DDR3 RDIMM 4GB x3, AMC bay
aTCA-6155A/S5638/M16G Single L5638 Six-Core 2.0GHz Xeon 10GbE
processor blade, DDR3 RDIMM 8GB x2, AMC bay
aTCA-6155A/D5638/M48G Two L5638 Six-Core 2.0GHz Xeon 10GbE processor
blade, DDR3 RDIMM 8GB x6, AMC bay
aTCA-6155A/S5645/M12G Single E5645 Six-Core 2.4GHz Xeon 10GbE processor
blade, DDR3 RDIMM 4GB x3, AMC bay
aTCA-R6155
Rear Transition Module with SFP GbE x2, USB x2,
SAS/SATA HDD bay x2, COM x1
AMC-7000/SATA320G
Mid-size SATA 320GB AMC HDD module
Intel® Ethernet
1
1-13


Similar Part No. - ATCA-R6155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
647Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
746Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
ATCA-R6905 ETC2-ATCA-R6905 Datasheet
379Kb / 2P
Dual AMC.0 Mid-size bays
More results

Similar Description - ATCA-R6155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75800-0001 MOLEX-75800-0001 Datasheet
186Kb / 2P
0.75mm (.030?? Pitch AMC.0 B 170-Circuit Connectors
logo
List of Unclassifed Man...
AMC-7000 ETC2-AMC-7000 Datasheet
211Kb / 1P
AMC.0 Single-width, Mid-size
AMC-8100 ETC2-AMC-8100 Datasheet
304Kb / 2P
AMC.0 Single-width, Mid-size
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
ATCA-6900 ETC2-ATCA-6900 Datasheet
379Kb / 2P
Dual AMC.0 Mid-size bays
ATCA-9300 ETC2-ATCA-9300 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
logo
Molex Electronics Ltd.
34763-0002 MOLEX11-34763-0002 Datasheet
39Kb / 1P
CMC Header 106 Circuits, 3-Bay (Bay-X 0 Circuits; Bay-Y 53 Circuits; Bay-Z 53 Circuits) Compliant Pin, Press-fit Style
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
MID SIZE PATECH PLUG
logo
C&K Components
TF CK-COMPONENTS-TF Datasheet
459Kb / 6P
Mid Size Snap-acting Switches
TM CK-COMPONENTS-TM Datasheet
462Kb / 6P
Mid Size Snap-acting Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com