Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6270 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATCA-R6270
Description  Dual 10GBASE-KX4 Fabric Interface channels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6270 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATCA-R6270 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-12
7
2
1
3
4
5
6
9
8
Functional Diagram
Mechanical Layout
8 DDR3-1600 VLP RDIMM sockets
Dual E5-2648L CPU
AMC Bay
Zone 2 – Base Interface 2x GbE
Fabric Interface 2x 10GbE
Zone 1 Power / IPMI
AMC Bay
Hot Swap
Reset
User
Media
Out of Service
VGA(DB-15)
GbE (RJ45)
Serial (RJ45)
USB 2.0
Front Panel LED Indicators and Reset
Front Panel I/O Interfaces
Z
O
N
E
3
Intel
Xeon E5-2648L
8-core
DDR3 1600 RDIMM
Z
O
N
E
2
F
R
O
N
T
P
A
N
E
L
CFast
BIOS
BIOS
TPM
Z
O
N
E
1
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
COM2
LPC
IPMB 0/1
COM1
SATA
SAS
QPI 8.0
GT/s
SAS x2, USB x3, COM, PCI-E x8,
SerDes x2, SATA x2,
FCH1
RTM
RTM
PCI-E x4
IPMC
BMR-H8S
Super
I/O
DDR3 1600 RDIMM
DDR3 1600 RDIMM
QPI 8.0
GT/s
Intel
Xeon E5-2648L
8-core
x4 DMI 2.0
Intel C604 PCH
SAS x2, USB x3,
SATAx2
PCI-E x4
core
core
core
core
core
core
core
core
FCH2
BCH1
BCH2
PCI-E x8
Intel
82576EB
Intel
82599EB
(aDB-6100-A)
Fabric Riser Card
PCI-E x4
core
core
core
core
core
core
core
core
2.5" SATA
HDD
PCI-E x4
Mid-Size AMC
AMC.1 T4
AMC.2 E2
AMC.3 S2
PCI-E x8
RTM
Silicon Motion
SM750
PCI-E x1
VGA
USB x3
SATA
Intel
82580EB
Port 1
Port 2
Port 3
Port 4
C
S
C
S
C
S
C
S
RJ-45
RJ-45
MUX
RTM
FRC
Fabric
Riser Card
AMC.2 E2
AMC
Cave Creek
(Optional)
PCI-E x16
PCI-E x4
Intel
82580
SPI



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com