Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6270 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-R6270
Description  Dual 10GBASE-KX4 Fabric Interface channels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6270 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-R6270 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/AdvancedTCA/
1
1-11
Specifications
CPU / Chipset / Memory
CPU & FSB
Two Intel® Xeon® E5-2648L (8C/16T) (Socket R)
Chipset
Intel® C604 PCH
Memory
Eight DDR3-1600 240-pin VLP RDIMM sockets, up to 128 GB
BIOS
Chip
AMI BIOS on SPI flash memory
Features
Intel® PXE pre-boot
Remote Console
I/O Interfaces
Graphics
Silicon Image SM750, PCI-E x1, up to 1920 x 1440 resolution
AMC
AMC: AMC.0 Midsize, AMC.1 Type4, AMC.2 E2 link to
internal GbE controller, AMC.3 S2
Ethernet
Dual 10/100/1000BASE-T Base Interface channels
Dual 10GBASE-KX4 Fabric Interface channels
Dual 10/1001000BASE-T egress ports
Storage
AMC.3 SATA/SAS ports
On-board bootable CFast socket
Onboard 2.5 inch HDD mounting space (optional: shares
space with AMC bay)
USB
Three USB 2.0 ports on front panel
Front Panel I/O
AMC bay, VGA, USB1/2/3, LAN1/2, COM1
PICMG Standards
AdvancedTCA
PICMG 3.0 R3.0
PICMG 3.1 Ethernet Over PICMG 3.0, Option 9
AdvancedMC
PICMG AMC.0: Advanced Mezzanine Card Specification
R2.0
PICMG AMC.1: PCI Express and Advanced Switching R1.0
PICMG AMC.2: Gigabit Ethernet R1.0
PICMG AMC.3: Storage Interfaces R1.0
Other Features
Operating System
Windows Server 2008 R2, Red Hat Enterprise Linux 6
Mechanical and Environmental
Form Factor
PICMG 3.0 R3.0 AdvancedTCA
Dimension
322.25mm x 280mm x 6HP (L x W x H)
Weight
3.7KG
Operating Temp.
0˚C to 55˚C
Storage Temp.
-40˚C to 70˚C
Humidity
5% to 95%, non-condensing
Shock
20G peak-to-peak, 11ms duration, non-operation
Vibration
Non-operating: 1.88Grms, 5-500Hz each axis
Operation: 0.5Grms, 5-500Hz each axis
Power Consumption
Max 270W
Certification
FCC, CE, UL, NEBS Level 3 (design)
Dual Intel® Xeon® E5-2648L Processor
10 Gigabit Ethernet AdvancedTCA® Processor Blade
aTCA-6200A
Features
Two Intel® Xeon® E5-2648L (8C/16T) processors
Eight memory sockets support DDR3-1600
REG/ECC up to 128 GB
Intel® C604 PCH
Single AMC.0 Mid-size bay
Dual 10GBASE-KX4 Fabric Interface channels
Intel® Hyper-Threading Technology
Intel® QuickPath Interconnect
Intel® Ethernet
Ordering Information
Model Number
Description/Configuration
aTCA-6200A/D2648L/M64G Dual 8-core Intel® Xeon® E5-2648L 1.8GHz 10GbE
processor blade, DDR3 RDIMM 64GB, AMC bay
(8GB x8)
aTCA-6200A/D2648L/M16G Dual 8-core Intel® Xeon® E5-2648L 1.8GHz 10GbE
processor blade, DDR3 RDIMM 16GB, AMC bay
(8GB x2)
aTCA-6200A/S2648L/M8G
Single 8-core Intel® Xeon® E5-2648L 1.8GHz 10GbE
processor blade, DDR3 RDIMM 8GB, AMC bay
aTCA-R6270
aTCA-R6270 RTM with 1x RJ45 Serial Port, 2x USB
2.0 Port, 2x SFP+ 10GbE Port and 2x SAS/SATA
HDD Bay (Hot Swappable)
AMC-7000/SATA 320G
Mid-size SATA 1.5 Gb/s 320GB AMC HDD module


Similar Part No. - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
746Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
More results

Similar Description - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8320 BOARDCOM-BCM8320 Datasheet
235Kb / 2P
DUAL 10G FABRIC INTERFACE
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
List of Unclassifed Man...
ATCA-6250 ETC2-ATCA-6250 Datasheet
746Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-9700 ETC2-ATCA-9700 Datasheet
603Kb / 2P
Quad 40GBASE-KR4 Fabric Interface channels
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Adlink Technology Inc.
ATCA-3430 ADLINK-ATCA-3430 Datasheet
325Kb / 2P
10 Gigabit Ethernet AdvancedTCA Fabric Interface Switch Blade
ATCA-3710 ADLINK-ATCA-3710 Datasheet
311Kb / 2P
40 Gigabit Ethernet AdvancedTCA Fabric Interface Switch Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com