Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6270 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATCA-R6270
Description  Dual 10GBASE-KX4 Fabric Interface channels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6270 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATCA-R6270 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-10
7
2
1
3
4
5
6
9
8
Functional Diagram
Mechanical Layout
VGA (DB-15)
USB Port
COM (Mini-USB )
GbE (RJ45)
Hot Swap
User
Media
Out of Service
Reset
Front Panel LED Indicators and Reset
Front Panel I/O Interfaces
Eight DDR3 1600MHz
RDIMM sockets
Zone 1 Power / IPMI
Zone 2 – Base Interface 2x GbE
Fabric Interface 2x 10GbE
Dual Xeon E5-2658/2648L CPU
Z
O
N
E
3
Intel® Xeon®
E5-2658/2648L
8-core/16T
CPU
DDR3 1600 RDIMM
Z
O
N
E
2
F
R
O
N
T
P
A
N
E
L
SATADOM
BIOS
BIOS
TPM
Z
O
N
E
1
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
DDR3 1600 RDIMM
COM 2
COM 1
LPC
IPMB 0/1
COM 1
SATA
QPI 8.0
GT/s
USB x3
SAS x2, USB x3, COM x1, PCIe x8
FCH1
RTM
RTM
PCIe x4
IPMC
Smart Fusion
A2F500
Super
I/O
DDR3 1600 RDIMM
DDR3 1600 RDIMM
QPI 8.0
GT/s
Intel® Xeon®
E5-2658/2648L
8-core/16T
CPU
Intel® C604 PCH
SAS x2
PCIe x4
core
core
core
core
core
core
core
core
FCH2
BCH1
BCH2
PCIe x8
Intel
82576EB
Intel
82599EB
(aDB-6100-A)
Fabric Riser Card
PCIe x4
core
core
core
core
core
core
core
core
PCIe x16
RTM
PCIe x8
RTM
SM750
Graphics
Controller
VGA
USB x2
Intel
I350AM4
Port 1
Port 2
Port 3
Port 4
C
S
C
S
C
S
C
S
RJ‐45
RJ‐45
SPI
SPI
V
G
A
Min i
USB
aDB-IPoM
Intel
Cave Creek
PCIe x1
RJ‐45
RJ‐45
COM 3
IPMC UART Debug Interface
NC-SI
Front mini-USB
Min i
USB
USB
USB
COM 1
Front USB
IPMC UART Debug Interface
Front mini-USB
Super I/O
IPMC
USB
USB PCH
PCH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com