Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATCA-R6270 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-R6270
Description  Dual 10GBASE-KX4 Fabric Interface channels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-R6270 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-R6270 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-R6270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/AdvancedTCA/
1
1-9
aTCA-6250
Specifications
CPU / Chipset / Memory
CPU
Two Intel® Xeon® E5-2658 (8C/16T) (Socket R)
Two Intel® Xeon® E5-2648L (8C/16T) (Socket R)
Chipset
Intel® C604 PCH
Memory
Eight DDR3-1600 240-pin VLP RDIMM sockets, up to 128 GB
BIOS
Chip
AMI BIOS on SPI flash memory
Features
Intel® PXE pre-boot
Remote Console
I/O Interfaces
Graphics
Silicon Motion SM750, PCI-E x1, up to 1920 x 1440
resolution
Ethernet
Dual 10/100/1000BASE-T Base Interface channels
Dual 10GBASE-KX4 Fabric Interface channels
Quad 10/1001000BASE-T Egress Ports or Quad SFP GbE
Egress ports (optional)
Storage
On-board bootable 16GB SATA DOM, up to 32G
USB
Two USB 2.0 ports on front panel
Front Panel I/O
VGA, USB1/2, LAN1/2/3/4, COM1/2 (mini-USB)
PICMG Standards
AdvancedTCA
PICMG 3.0 R3.0
PICMG 3.1 Ethernet Over PICMG 3.0, Option 9
Other Features
Packet Processing
Optional hardware offload for packet processing acceleration
Acceleration daughter card
Operating System
Server 2008 R2, Red Hat Enterprise Linux 6.2
Mechanical and Environmental
Form Factor
PICMG 3.0 R3.0 AdvancedTCA
Dimension
322.25mm x 280mm x 6HP (L x W x H)
Weight
3.85KG
Operating Temp.
0°C to 55°C
Storage Temp.
-40°C to 70°C
Humidity
5% to 95%, non-condensing
Shock
20G peak-to-peak, 11ms duration, non-operating
Vibration
Non-operating: 1.88Grms, 5-500Hz each axis
Operating: 0.5Grms, 5-500Hz each axis
Power Consumption
Max. 300W with dual Intel® E5-2658 CPU/250W with dual
Intel® E5-2648L CPU
Certification
FCC, CE, UL, NEBS Level 3 (design)
Dual Intel® Xeon® E5-2658/2648L
10 Gigabit Ethernet AdvancedTCA® Processor Blade
Features
Two Intel® Xeon® E5-2658/ 2648L (8C/16T)
processors
Eight memory sockets support VLP DDR3-1600
REG/ECC up to 128 GB
Intel® C604 PCH
Dual 10GBASE-KX4 Fabric Interface channels
Intel® Hyper-Threading Technology
Intel® QuickPath Interconnect
Ordering Information
Model Number
Description/Configuration
aTCA-6250/S2658
Single 8-core Intel® Xeon® E5-2658 2.1GHz 10GbE
processor blade
aTCA-6250/S2658/M8G
Single 8-core Intel® Xeon® E5-2658 2.1GHz 10GbE
processor blade, DDR3-1600 VLP RDIMM 8GB x1
aTCA-6250/D2658
Dual 8-core Intel® Xeon® E5-2658 2.1GHz 10GbE
processor blade
aTCA-6250/D2658/M32G
Dual 8-core Intel® Xeon® E5-2658 2.1GHz 10GbE
processor blade, DDR3-1600 VLP RDIMM 8GB x4
aTCA-R6270
aTCA-R6270 RTM with 1x RJ45 Serial Port, 2x USB 2.0
Port, 2x SFP+ 10GbE Port and 2x SAS/SATA HDD Bay
(Hot Swappable)


Similar Part No. - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
647Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-R6270 ETC2-ATCA-R6270 Datasheet
272Kb / 1P
Single AMC.0 Mid-size bays
More results

Similar Description - ATCA-R6270

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8320 BOARDCOM-BCM8320 Datasheet
235Kb / 2P
DUAL 10G FABRIC INTERFACE
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS16G AMCC-PRS16G Datasheet
344Kb / 3P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
List of Unclassifed Man...
ATCA-6200A ETC2-ATCA-6200A Datasheet
647Kb / 2P
Dual 10GBASE-KX4 Fabric Interface channels
ATCA-9700 ETC2-ATCA-9700 Datasheet
603Kb / 2P
Quad 40GBASE-KR4 Fabric Interface channels
LSW4-GT-8EP_W-TW ETC2-LSW4-GT-8EP_W-TW Datasheet
382Kb / 1P
Switching Fabric
logo
Adlink Technology Inc.
ATCA-3430 ADLINK-ATCA-3430 Datasheet
325Kb / 2P
10 Gigabit Ethernet AdvancedTCA Fabric Interface Switch Blade
ATCA-3710 ADLINK-ATCA-3710 Datasheet
311Kb / 2P
40 Gigabit Ethernet AdvancedTCA Fabric Interface Switch Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com