Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R3915 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R3915
Description  Extended temperature option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R3915 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R3915 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R3915 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
5
3
7
2
6
9
4
8
10
11
I/O Table
Ordering Information
Model Number
Description/Configuration
CPU Board
cPCI-3915A/CM15/M512
1-slot 3U cPCI with Celeron® M 1.5GHz
processor and 512MB DDR2 SODIMM
cPCI-3915B/PM20/M2G
2-slot 3U cPCI with Pentium® M 2.0GHz
processor and 2GB DDR2 SODIMM
cPCI-3915A-ULV/C10/M512
1-slot 3U cPCI with soldered ultra low
voltage Celeron® M 1.0GHz processor and
512MB DDR2 SODIMM
cPCI-3915A-LV/P14/M1G
1-slot 3U cPCI with soldered Low voltage
Pentium® M 1.4GHz processor and 1GB
DDR2 SODIMM
Rear Transition Module
cPCI-R3915
Rear Transition module for cPCI-3915,
50 mm
cPCI-R3915T
Rear Transition Module for cPCI-3915,
80 mm
Contact us for more CPU, memory & HDD options.
DVI-I
SATA
cPCI-R3915T
LVDS
USB
COM
CRT
DVI
LVDS
LAN
USB
PS/2
KB/MS
COM 1
COM 2
SATA
PATA
CF
LED
Reset
Button
SBC
cPCI-3915A
Faceplate
1
(DB-15)
2
(RJ-45)
1
1
1
Onboard
1
1
(44-pin)
1
cPCI-3915B
Faceplate
1
(DB-15)
2
(RJ-45)
2
1
(Combo)
1
(DB-9)
1
(DB-9)
1
1
Onboard
1
1
(44-pin)
1
RTM
cPCI-R3915(T)
Faceplate
1 (DVI-I)
1
1 (DB-9)
Onboard
1
1
(7-pin)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com