Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R3915 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R3915
Description  Extended temperature option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R3915 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R3915 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R3915 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
http://www.adlinktech.com/cPCI/
Specifications
Processor & System
CPU
μFC-PGA Intel® Pentium® M 2.0 GHz, 2 MB L2 cache,
533MHz FSB
μFC-PGA Intel® Pentium® M 1.8GHz, 2 MB L2 cache,
400MHz FSB,
μFC-PGA Intel® Pentium® M 1.6GHz, 1 MB L2 cache,
400MHz FSB
μFC-BGA Intel® Pentium® M LV 1.4 GHz, 1 MB L2 cache,
400MHz FSB
μFC-PGA Intel® Celeron® M 1.5 GHz, 1 MB L2 cache,
400MHz FSB
μFC-BGA Intel® Celeron® M ULV 1.0 GHz, 512 KB L2 cache,
400MHz FSB
Chipset
Intel® 915GME GMCH with ICH6
RAM
Single un-buffered, non-ECC, DDR2-400/533 SODIMM,
up to 2GB
BIOS
Award 4 Mb flash memory
CompactPCI Bus
32-bit/33 MHz CompactPCI® Bus, universal V(I/O)
PICMG Standards
PICMG® 2.0 CompactPCI® R3.0
PICMG® 2.1 Hot Swap R2.0
Connectivity
Ethernet
Two PCI-Express Marvel 88E8071 Gigabit Ethernet
controllers
Two egress Gigabit Ethernet ports
Graphics
Integrated in Intel® 915GME chipset
Analog RGB on front panel for up to 2048x1536 resolution
DVI-I port on rear panel with analog and digital signal
1x18bps LVDS port on RTM
USB
Three USB 2.0 ports, two on front panel, one on rear panel
PS/2
One PS/2 KB/MS Combo Port
Serial Port
Two DB-9 connectors (COM 1 & 2) on front panell
COM2 also routed to RTM and supports
RS-232/422/485/485+ by jumper setting
Storage
SBC
44-pin IDE port for 2.5” HDD (8HP version only)
7-pin SATA port for 2.5” HDD (8HP version only)
CompactFlash slot
RTM
One 7-pin SATA port for external HDD
Operating System
OS
Microsoft® Windows® 2000
Microsoft® Windows® XP
Microsoft® Windows® Server 2003
Red Hat® Fedora™ Core 4 & 5
Wind River VxWorks 6.6
Miscellaneous
LED
HDD, Power/WDT
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
Hardware Monitor
Integrated in IT8712F, monitors CPU temperature, system
temperature, Vcore and DC voltages
WatchDog Timer
Integrated in IT8712F, two stage, 1 to 255 sec or1 to 255 min
Mechanical & Environmental
Form Factor
3U 4HP/8HP CompactPCI®
100 mm x 160 mm (L x W)
Operating Temp.
0˚C to +60˚C with external air flow
-20˚C to +75˚C extended temperature (optional)
Storage Temp.
-40˚C to +85˚C
Rel. Humidity
95% non-condensing
Shock
15 G peak-to-peak, 11 ms duration, non-operation
Vibration
Operating: 0.5 G-rms, 5-500 Hz, each axis
Non-operating: 1.88 G-rms, 5-500 Hz, each axis
Power Consumption
Typical 30 W (5 V @ 3.1 A, 3.3 V @ 4.4 A)
Full-load 45 W (5 V @ 5.8 A, 3.3 V @ 4.6 A) with Pentium® M
1.8 G, 512 MB DDR2, 20 GB IDE HDD, 512 MB CF, under
Windows® XP
Weight
Net weight 542.5g in dual slot with heatsink
Safety & EMI
Certifications
CE, FCC Class A
3U CompactPCI® Intel® Pentium® M/Celeron® M
Processor Blade with Dual Gigabit Ethernet
cPCI-3915 Series
Features
Low power Intel® Celeron® M/Pentium® M
processor up to 2.0 GHz
Single SODIMM socket DDR2 400/533
MHz, up to 2 GB
Dual PCI-Express® Gigabit Ethernet
Multiple storage interfaces: Serial ATA ,
IDE, CompactFlash®
Supports high resolution display
interfaces: VGA, DVI and LVDS
Extended temperature option
USB
VGA
LAN
USB
KB/MS
COM
cPCI-3915A
cPCI-3915B


Similar Part No. - CPCI-R3915

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R3920-1 ETC2-CPCI-R3920-1 Datasheet
371Kb / 2P
Serial ATA and CompactFlash storage options
CPCI-R3920T-1 ETC2-CPCI-R3920T-1 Datasheet
371Kb / 2P
Serial ATA and CompactFlash storage options
More results

Similar Description - CPCI-R3915

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
SPI Serial Extended Temperature EEPROMs
logo
Micron Technology
MT28F1284W18 MICRON-MT28F1284W18 Datasheet
785Kb / 66P
1.8V Low Voltage, Extended Temperature
logo
Simtek Corporation
STK14C88-NF35U SIMTEK-STK14C88-NF35U Datasheet
312Kb / 15P
32Kx8 AutoStore nvSRAM with extended temperature
logo
Finisar Corporation.
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
CWDM Extended Temperature GBIC Transceiver
logo
Bothhand USA, LP.
S5771-LF BOTHHAND-S5771-LF Datasheet
561Kb / 1P
Extended and standard temperature range models.
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com